Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPS-010163-TR0500 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPS-010163-TR0500
Description  Digital Phase Shifter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPS-010163-TR0500 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPS-010163-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAPS-010163-TR0500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Digital Phase Shifter
6-Bit, 1.4 - 2.4 GHz
Rev. V5
MAPS-010163
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications:
Freq. = 1.4 - 2.4 GHz, TA = 25°C, Z0 = 50 Ω, VCC = +5.0 V, VEE = -5.0 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Operating Power 3
1.4 - 2.4 GHz
dBm
+25
Insertion Loss
(Any Phase State)
Any Phase State
dB
5
6
Attenuation Variation
Across All Phase States
dB
± 0.8
RMS Attenuation Error 4
All Values Relative to Insertion Loss at
Reference Phase
dB
0.4
RMS Phase Error 4
All Values Relative to Reference Phase
deg
3
Phase Accuracy
Relative to Reference Loss State
5.6 Degree Bit
11.2 Degree Bit
22.5 Degree Bit
45 Degree Bit
90 Degree Bit
180 Degree Bit
Sum of All Bits
deg
± 0.5
± 0.3
± 2
± 2.5
± 3
± 4
± 4
VSWR
RF Input
RF Output
Ratio
1.5:1
1.5:1
1 dB Compression
Reference State
dBm
25
Input IP3
Two-tone inputs up to +5 dBm
dBm
40
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
50
VCC
VEE
V
3.0
-5.5
-5.0
5.5
-3.0
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
0.0
0.7 x VCC
0.3 x VCC
VCC
lIN (Input Control Current)
VIN = VCC or GND
µA
1
VOH
VOL
For serial out; IOH = -100 µA
For serial out; IOL = 100 µA
V
VCC - 0.2
0.2
ICC
(Quiescent Supply Current)
VCONTROL = VCC or GND
µA
2
IEE
VEE min to max
VIN = VIL or VIH
mA
-1.0
-0.1
3. Maximum operating power is the maximum power where the specifications are guaranteed.
4. RMS is calculated across all 63 amplitude or phase states relative to the amplitude or phase in the 0° phase state at a given frequency.


Similar Part No. - MAPS-010163-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010163-001SMB MA-COM-MAPS-010163-001SMB Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
More results

Similar Description - MAPS-010163-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-011007 MA-COM-MAPS-011007 Datasheet
657Kb / 7P
   Digital Phase Shifter
MAPS-010166 MA-COM-MAPS-010166_15 Datasheet
1Mb / 8P
   Digital Phase Shifter
MAPS-010146 MA-COM-MAPS-010146_15 Datasheet
653Kb / 6P
   Digital Phase Shifter
MAPS-011007 MA-COM-MAPS-011007_15 Datasheet
657Kb / 7P
   Digital Phase Shifter
MAPS-010144 MA-COM-MAPS-010144_15 Datasheet
627Kb / 7P
   Digital Phase Shifter
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
   Digital Phase Shifter
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter
MAPS-010166 MA-COM-MAPS-010166 Datasheet
671Kb / 7P
   Digital Phase Shifter
MAPS-010144 MA-COM-MAPS-010144 Datasheet
627Kb / 7P
   Digital Phase Shifter
MAPS-011008 MA-COM-MAPS-011008_15 Datasheet
1Mb / 8P
   Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com