Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPS-011008-001SMB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAPS-011008-001SMB
Description  Digital Phase Shifter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPS-011008-001SMB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAPS-011008-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAPS-011008-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital Phase Shifter
6-Bit, 5 - 6 GHz
Rev. V2
MAPS-011008
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
D5
MSB
tCS
D4
tCH
D1
D0
LSB
tLS
tLEW
tLH
tLES
SERIAL
CLK
LE
CONTROL
WORD
Serial Input Interface Timing Diagram
Functionality
Modes of Operation: Serial and Direct Parallel
Lead Free 4 mm 24-Lead PQFN
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.


Similar Part No. - MAPS-011008-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
More results

Similar Description - MAPS-011008-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-011007 MA-COM-MAPS-011007 Datasheet
657Kb / 7P
   Digital Phase Shifter
MAPS-010166 MA-COM-MAPS-010166_15 Datasheet
1Mb / 8P
   Digital Phase Shifter
MAPS-010146 MA-COM-MAPS-010146_15 Datasheet
653Kb / 6P
   Digital Phase Shifter
MAPS-011007 MA-COM-MAPS-011007_15 Datasheet
657Kb / 7P
   Digital Phase Shifter
MAPS-010144 MA-COM-MAPS-010144_15 Datasheet
627Kb / 7P
   Digital Phase Shifter
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
   Digital Phase Shifter
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter
MAPS-010166 MA-COM-MAPS-010166 Datasheet
671Kb / 7P
   Digital Phase Shifter
MAPS-010144 MA-COM-MAPS-010144 Datasheet
627Kb / 7P
   Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com