Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4141 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4141
Description  2 - phase Boost Converter Switching Regulator IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4141 Datasheet(HTML) 4 Page - New Japan Radio

  NJW4141 Datasheet HTML 1Page - New Japan Radio NJW4141 Datasheet HTML 2Page - New Japan Radio NJW4141 Datasheet HTML 3Page - New Japan Radio NJW4141 Datasheet HTML 4Page - New Japan Radio NJW4141 Datasheet HTML 5Page - New Japan Radio NJW4141 Datasheet HTML 6Page - New Japan Radio NJW4141 Datasheet HTML 7Page - New Japan Radio NJW4141 Datasheet HTML 8Page - New Japan Radio NJW4141 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Automotive NJW4141
- 4 -
Ver.2016-02-22
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, V+=VON/OFF=12V, CT=470pF, Ta=25 C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Under Voltage Lockout Block
ON Threshold Voltage
VT_ON
V+= L → H
2.65
2.8
2.95
V
V+= L → H, Ta= -40 C to +125 C
2.65
2.95
OFF Threshold Voltage
VT_OFF
V+= H → L
2.4
2.55
2.7
V
V+= H → L, Ta= -40 C to +125 C
2.35
2.8
Oscillator Block
Oscillating Frequency1
fOSC1
CT=470pF
270
300
330
kHz
CT=470pF, Ta= -40 C to +125 C
260
330
Oscillating Frequency2
fOSC2
CT=1,500pF
90
100
110
kHz
CT=1,500pF, Ta= -40 C to +125 C
80
120
Charge Current
Ichg
150
200
250
A
Ta= -40 C to +125 C
140
260
Discharge Current
Idis
150
200
250
A
Ta= -40 C to +125 C
140
260
Voltage amplitude
VOSC
0.7
V
Oscillating Frequency
deviation (Supply voltage)
fDV
V+=3V to 40V
3
%
Soft Start Block
Charge Current
(SS pin)
Ichg_SS
1.6
2
2.4
A
Ta= -40 C to +125 C
1.6
2.4
Threshold Voltage
(SS pin)
VTHSS0
Duty1,2=0%
0.41
0.49
0.57
V
Duty1,2=0%, Ta= -40 C to +125 C
0.39
0.59
Threshold Voltage
(SS pin)
VTHSS85
Duty1,2=80%
0.92
1.1
1.28
V
Duty1,2=80%, Ta= -40 C to +125 C
0.87
1.33
Error Amplifier Block
Reference Voltage
VB
-1.0%
1.00
+1.0%
V
Ta= -40 C to +125 C
-2.0%
+2.0%
Input Bias Current
IB
-0.1
0.1
A
Ta= -40 C to +125 C
-0.1
0.1
Open Loop Gain
AV
80
dB
Gain Bandwidth
GB
1.5
MHz
Output Source Current
IOM+
VFB=1V, VIN-=0.9V
40
90
140
A
VFB=1V, VIN-=0.9V,
Ta= -40 C to +125 C
40
140
Output Sink Current
IOM-
VFB=1V, VIN-=1.1V
2
4
6
mA
VFB=1V, VIN-=1.1V,
Ta= -40 C to +125 C
2
8


Similar Part No. - NJW4141

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4140 NJRC-NJW4140 Datasheet
400Kb / 2P
   Switching Regulator IC for Boost Converter
NJW4140M NJRC-NJW4140M Datasheet
400Kb / 2P
   Switching Regulator IC for Boost Converter
NJW4140R NJRC-NJW4140R Datasheet
400Kb / 2P
   Switching Regulator IC for Boost Converter
More results

Similar Description - NJW4141

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4131B NJRC-NJW4131B Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
NJW4132 NJRC-NJW4132 Datasheet
149Kb / 11P
   Switching Regulator IC for Boost Converter
NJW4140 NJRC-NJW4140 Datasheet
400Kb / 2P
   Switching Regulator IC for Boost Converter
NJW4131A NJRC-NJW4131A Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
logo
Analog Devices
ADP3031 AD-ADP3031 Datasheet
184Kb / 8P
   2 MHz PWM Boost Switching Regulator
REV. PrB 8/2/02
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com