Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4152GM1-A-T1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJW4152GM1-A-T1
Description  Switching Regulator IC for Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152GM1-A-T1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJW4152GM1-A-T1 Datasheet HTML 6Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 7Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 8Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 9Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 10Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 11Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 12Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 13Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
NJW4152-AB
- 10 -
Ver.2015-11-10
Description of Block Features (Continued)
PWM Comparator Section (PWM)
This section controls the switching duty ratio.
PWM comparator receives the signal of the error amplifier and the triangular wave, and controls the duty ratio
between 0% and 100%. The timing chart is shown in Fig.1.
SW pin
FB pin Voltage
ON
OFF
OSC
Waveform
(IC internal)
Maximum duty: 100%
Fig. 1. Timing Chart PWM Comparator and SW pin
Power MOSFET (SW Output Section)
The power is stored in the inductor by the switch operation of built-in power MOSFET. The output current is limited
to 1.4A(min.)@AB version by the overcurrent protection function. In case of step-down converter, the forward
direction bias voltage is generated with inductance current that flows into the external regenerative diode when
MOSFET is turned off.
The SW pin allows voltage between the PV+ pin and the SW pin up to +45V. However, you should use an
Schottky diode that has low saturation voltage.
When the power supply voltage decreases, ON resistance rises. Because a dropout voltage in the MOSFET
becomes large if an output current is large, please be careful about input-output differential voltage of the application.
Power Supply, GND pin (V+, PV+ and GND)
In line with switching element drive, current flows into the IC according to frequency. If the power supply
impedance provided to the power supply circuit is high, it will not be possible to take advantage of IC performance
due to input voltage fluctuation. Therefore insert a bypass capacitor close to the V+ pin – the GND pin connection in
order to lower high frequency impedance.
Technical Information
NJW4152-AB Application Manual


Similar Part No. - NJW4152GM1-A-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4152GM1-A-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com