Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC142 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC142
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC142 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC142 Datasheet HTML 1Page - Hittite Microwave Corporation HMC142 Datasheet HTML 2Page - Hittite Microwave Corporation HMC142 Datasheet HTML 3Page - Hittite Microwave Corporation HMC142 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE CORPORATION
5 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
v01.0801
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 18 GHz
-25
-20
-15
-10
-5
0
LO FREQUENCY (GHz)
0
5
10
15
20
25
LO Return Loss
Distortion and 1dB Compression
versus LO Drive Level
RF Return Loss
IF Return Loss
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
02
46
8
10
IF FREQUENCY (GHz)
HMC141 / HMC142
Absolute Maximum Ratings
Distortion
LO
Drive
RF (f1) = 11.01 GHz
RF (f2) = 11.00 GHz
LO = 11.5 GHz
RF Level = 0 dBm
1 dB
Compression
(dBm)
IP3 (dBm)
IP2 (dBm)
P1dB (dBm)
+13
18
42
7
+15
21
45
10
+17
21
45
10
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C


Similar Part No. - HMC142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Micross Components
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
   Microwave & MM W Radios
logo
Hittite Microwave Corpo...
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
263Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
More results

Similar Description - HMC142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com