Electronic Components Datasheet Search |
|
ZM10D10A04 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center |
|
ZM10D10A04 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center |
|
1 / 1 page MICRO SWITCH™ ZM Series Subminiature Switch Product Nomenclature 004976-3-EN IL50 GLO January 2015 Copyright © 2015 Honeywell International Inc. All Rights Reserved. For example, a ZM50E10E01 part number would define a MICRO SWITCH™ ZM Series subminiature switch with a simulated roller lever, rated at 5 A, SPDT, 146 g max. operating force, and straight solder terminals ZM Switch Type Current Rating 50 Circuitry 01 SPDT 03 SPNO 04 SPNC NOTES: 1 Switches with 10.1 A rating are only available with “G” operating force. 2 Terminal Type “99” or Actuator Type “S” designates a special and therefore requires a special designator character(s) at the end of the listing. Operating Force (at pin plunger) E ZM Series Subminiature Basic Switch 10 PCB, left angle PCB, right angle PCB, straight Solder, straight Terminal Type B 20 Pin plunger C 50 60 D 70 Quick connect 0.110 in Actuator Type (Integral Levers) — 10 A E 01 99 SPECIAL2 A special designator character(s) is used when there is a special modification to the switch. A special designator is required when Terminal Type is “99” or Actuator Type is “S”. Special Designator2 10 Short straight lever, 16,7 mm [0.66 in] length K J F H E M L S SPECIAL lever2 0.1 A 125 Vac (Gold-plated contacts) 5 A; 125 Vac/ 250 Vac 90 50 10.1 A; 125 Vac/ 250 Vac1 Not all combinations of model code are available. Please contact your Honeywell representative or distributor for assistance. Standard straight lever, 18,7 mm [0.74 in] length Long straight lever, 24,8 mm [0.98 in] length Stnd sim. roller lever, 18,0 mm [0.71 in] length R 2,75 mm Roller lever, 16,6 mm [0.65 in] length Ø4,8 mm roller Small sim. roller lever, 17,9 mm [0.70 in] length R 1,3 mm Extended straight lever, 55,2 mm [2.17 in] length Straight lever, 35,2 mm [1.39 in] length L-shaped lever, 31,5 mm [1.24 in] length Large sim. roller lever, 21,1 mm [0.83 in] length R 2,45 mm B D E G 60 g max. 104 g max. 146 g max. 249 g max. D E G 104 g max. 146 g max. 249 g max. G 249 g max. |
Similar Part No. - ZM10D10A04 |
|
Similar Description - ZM10D10A04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |