Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC3032LSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC3032LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3032LSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC3032LSD_14 Datasheet HTML 1Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 2Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 3Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 4Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 5Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 6Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 7Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 8Page - Diodes Incorporated DMC3032LSD_14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMC3032LSD
Document number: DS32153 Rev. 2 - 2
3 of 9
www.diodes.com
July 2014
© Diodes Incorporated
DMC3032LSD
Electrical Characteristics N-CHANNEL – Q1 @TA = +25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
1.45
2.1
V
VDS = VGS, IC = 250µA
Static Drain-Source On-Resistance
RDS (ON)
-
23
32
mΩ
VGS = 10V, IC = 7A
32
46
VGS = 4.5V, IC = 5.6A
Forward Transfer Admittance
|Yfs|
-
7.6
-
S
VDS = 5V, IC = 7A
Diode Forward Voltage (Note 7)
VSD
-
0.7
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
404.5
-
pF
VDS = 15V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
-
51.8
-
pF
Reverse Transfer Capacitance
Crss
-
45.1
-
pF
Gate Resistance
Rg
-
1.5
-
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (10V)
Qg
-
9.2
-
nC
VGS = 10V, VDS = 15V,
ID = 5.8A
Gate-Source Charge
Qgs
-
1.2
-
nC
Gate-Drain Charge
Qgd
-
1.8
-
nC
Turn-On Delay Time
tD(on)
-
3.4
-
ns
VGS = 10V, VDS = 15V,
RG = 3Ω, RL = 2.6Ω
Turn-On Rise Time
tr
-
6.18
-
ns
Turn-Off Delay Time
tD(off)
-
13.92
-
ns
Turn-Off Fall Time
tf
-
2.84
-
ns
0
4
8
12
16
20
01
2
3
4
5
Fig. 1 Typical Output Characteristics
V , DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8.0V
GS
0
4
8
12
16
20
01
2
3
4
Fig. 2 Typical Transfer Characteristics
V , GATE SOURCE VOLTAGE (V)
GS
V
= 5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A


Similar Part No. - DMC3032LSD_14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3032LSD DIODES-DMC3032LSD Datasheet
188Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC3032LSD_14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com