Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM-0300 Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # EFM-0300
Description  30W Ultraminiature Open Frame Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

EFM-0300 Datasheet(HTML) 5 Page - Astrodyne Corporation

  EFM-0300 Datasheet HTML 1Page - Astrodyne Corporation EFM-0300 Datasheet HTML 2Page - Astrodyne Corporation EFM-0300 Datasheet HTML 3Page - Astrodyne Corporation EFM-0300 Datasheet HTML 4Page - Astrodyne Corporation EFM-0300 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
30W Ultraminiature Open Frame Switching Power Supplies
E F M 3 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS - TRIPLE
Dimensions are in millimeters [inches]
PIN #
Function
1
ACL
2
ACN
3
- V out
4
NO PIN
5
+5 V RETURN
6
COMMON
7
+5 V
8
+ V out


Similar Part No. - EFM-0300

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM-0100 ASTRODYNE-EFM-0100 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM-0100 ASTRODYNE-EFM-0100 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM-0100M ASTRODYNE-EFM-0100M Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM-0101 ASTRODYNE-EFM-0101 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM-0101 ASTRODYNE-EFM-0101 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - EFM-0300

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com