Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM-0122 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # EFM-0122
Description  10W Ultraminiature Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

EFM-0122 Datasheet(HTML) 2 Page - Astrodyne Corporation

  EFM-0122 Datasheet HTML 1Page - Astrodyne Corporation EFM-0122 Datasheet HTML 2Page - Astrodyne Corporation EFM-0122 Datasheet HTML 3Page - Astrodyne Corporation EFM-0122 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10W Ultraminiature Open Frame Switching Power Supplies
E F M 1 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20Amps @115 Volts(DC)
40Amps @230 Volts(DC)
OUTPUT SPECIFICATIONS
Voltage and Current (Note 5)
See Selection Chart
Load Regulation (20%-FL)(Note 6)Singles: ± 3%,
Duals: ± 3% (EFM-0108: 0.5/3%)
Triple: 0.2 / ±0.3%
Line Regulation, typ (Note 7)
Singles ± 0.1~1%
Duals ± 0.3~1%
(except EFM-0108: 0.5/ 0.5%)
Triple: 0.3 / ±0.1%
Cross Regulation (Note 10)
Duals 2% (EFM-0108: 0.5/3%)
Triple: NA/ ±0.1%
Preset Accuracy (Note 8)
Single/Duals 1%
(except EFM-0108: 2 / 5%)
Triple: 1 / ±5%
DC Voltage Adjust (typ)
± 6% of FS (Primary)
Temperature Coefficient
±0.03%/°C
Ripple/Noise, typ (Note 1, 9)
Single/Dual: 100mVpk-pk (except
EFM-0108: 50/50mVpk-pk)
Triple: 50 / ±75mVpk-pk
Over Voltage Protection
Clamp
Over Temp. Protection
Latching, recov after cooling and
power restored
Short Circuit Protection (Note 2) Continuous, self-recovering
Hold Up Time
30 mS, typ
DC Output Power
10 Watts, max
GENERAL SPECIFICATIONS
Isolation (Note 3)
3KVAC Input-Output
2500VAC Inpout-Ground
1000VAC Output-Ground
Efficiency
Single/Dual 75% typ
Triple 70%
Switching Frequency
100Khz, (fixed, typical)
Safety
UL60950-1, EN60950-1
EMC
EN55022
PHYSICAL SPECIFICATIONS
Size
1.66” x 2.46” x 0.91”
Construction
Open Frame
Weight
1.6oz (44g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature (Note 4)
-0 to +40°C (See Derate)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
MTBF
(Mil Std 217, 25°C)
575,000 Hrs
NOTES
1. Ripple and Noise depend upon output voltage as specified per par-
ticular model.
2. Short Curcuit Protection is self-recovering when overcurrent condition
is removed.
3.Isolation for up to 1 minute duration.
4. Specified for free-air convection cooling.
5. Minimum load is NOT required for proper operation. However, auxil-
iary outputs should be reduced as a function of primary output minimum
load or load regulation will be higher.
6. Load regulation measured from 20% to full load.
7. Line regulation measured from 90VAC to 264VAC.
8. Preset accuracy measured at nominal load, 120VAC input.
9. O/P noise measured directly at pins/terminals at nom. load, 0.1uF
bypass, pk-pk @20MHz bandwidth.
10.Cross Reg-Duals: Measured at nom. load with the other output varied
between 60% and 100% inom.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - EFM-0122

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM-0122 ASTRODYNE-EFM-0122 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM-0122M ASTRODYNE-EFM-0122M Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - EFM-0122

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com