Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM40-36-A Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # BSM40-36-A
Description  40W Single Output Class II Medical Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

BSM40-36-A Datasheet(HTML) 2 Page - Astrodyne Corporation

  BSM40-36-A Datasheet HTML 1Page - Astrodyne Corporation BSM40-36-A Datasheet HTML 2Page - Astrodyne Corporation BSM40-36-A Datasheet HTML 3Page - Astrodyne Corporation BSM40-36-A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40W Single Output Class II Medical Power Supplies
BSM40 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC (100-240VAC nom.)
Frequency Range
47-63 Hz
Input Current (90 / 264 Vin)
1A / 0.4A
Inrush Current (115 / 230 Vin)
30A / 60A typical *
Leakage Current (264V / 50Hz) BF <100uA @ 240VAC, 50Hz
OUTPUT SPECIFICATIONS
Voltage and Current (Note 3)
See Selection Chart
Minimum Load
0 Amps
Turn On Delay Time
<1S
Rise Time
<30mS
Load Regulation (20%-FL)
± 1% max
Line Regulation (LL-HL)
± 1% max
Preset Accuracy (FL, 115Vin)
1%
Transient Response
See Page 3
Over-Shoot and Under-Shoot
<10% of O/P Voltage
Ripple/Noise (Note 1 & 4)
See Selection Chart
Over Voltage Protection
Latching re-power
Over Power Protection
240% max.*
Short Circuit Protection
Latching, Auto Recover *
Hold Up Time (115V / 60Hz)
8 mS, typ.
Capacitive Loading (Note 5)
See Selection Chart
PHYSICAL SPECIFICATIONS
Size (Inches / mm)
2” x 4” x 1.244” / 50.8 x 101.6 x 31.6
Construction
Open Frame
Weight
5.61oz (159g)
GENERAL SPECIFICATIONS
Input-Out Isolation
4000VAC
Insulation Resistance
≥20MΩ; 500VDC, 1S I/P-O/P
Efficiency (typ.)
See Selection Chart
Switching Frequency
65Khz, (fixed, typical)
Safety UL/cUL:
ANSI/AAMI ES60601-1 3rd ed.
CSA C22.2 No. 60601-1 3rd ed.
UL-EU:
EN60601-1 3rd ed.
CB:
IEC60601-1 3rd ed.
CE:
EN60601-1-2
ENVIRONMENTAL SPECIFICATIONS
Operating Temp. (Note 2)
-10 to +70°C, See Derate
Storage Temperature
-25 to +85°C *
Relative Humidity
0-95% *
ESD
IEC61000-4-2
RS
IEC61000-4-3
EFT
IEC61000-4-4
Surge
IEC61000-4-5
CS
IEC61000-4-6
DIPS
IEC61000-4-11
EMI
EN55011 B / CISPR 11 B
MTBF
196,000 Hrs
Mil Std 217, 25°C
Vibration
2G Peak, 10-500Hz, 3 Axis, 30 min
Drop Test
70 cm Height
NOTES
1. Make all measurements directly at the pins of the supply
2. Specified for free air convection cooling
3. 115Vin minimum required for full load start up
4. Measured by paralleling 47uF/EC and 0.1uF ceramic capacitors on
the output at a 20MHz band-width
5. The power supply should start up and operate normally into these
capacitive loads within specified input voltage and output current ranges
over the specified operating temperature range and according to Derate.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - BSM40-36-A

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM400C12P3G202 ROHM-BSM400C12P3G202 Datasheet
906Kb / 11P
   SiC Power Module
BSM400D12P2G003 ROHM-BSM400D12P2G003 Datasheet
793Kb / 11P
   SiC Power Module
BSM400D12P3G002 ROHM-BSM400D12P3G002 Datasheet
1Mb / 11P
   SiC Power Module
logo
Siemens Semiconductor G...
BSM400GA120DL SIEMENS-BSM400GA120DL Datasheet
115Kb / 9P
   IGBT Power Module (Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes)
logo
eupec GmbH
BSM400GA120DLC EUPEC-BSM400GA120DLC Datasheet
81Kb / 8P
   IGBT-Modules
More results

Similar Description - BSM40-36-A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
BSL40 ASTRODYNE-BSL40 Datasheet
511Kb / 4P
   40W Single Output Class II Switching Power Supplies
logo
TDK Electronics
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
logo
SL Power Electronics
FLU1-40 SLPOWER-FLU1-40 Datasheet
381Kb / 4P
   40W SINGLE OUTPUT SWITCHING POWER SUPPLIES
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
GSM40A MEANWELL-GSM40A Datasheet
917Kb / 2P
   40W AC-DC Single Output Medical Type
logo
MicroPower Direct, LLC
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
   Single Output, 40W Compact, Enclosed AC/DC Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
   Single Output 350W Medical & ITE Power Supplies
logo
List of Unclassifed Man...
MW4012-760 ETC1-MW4012-760 Datasheet
79Kb / 1P
   Medical Grade - Single Output Regulated Power Supplies
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com