Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM-0105 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # EFM-0105
Description  10W Ultraminiature Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

EFM-0105 Datasheet(HTML) 1 Page - Astrodyne Corporation

  EFM-0105 Datasheet HTML 1Page - Astrodyne Corporation EFM-0105 Datasheet HTML 2Page - Astrodyne Corporation EFM-0105 Datasheet HTML 3Page - Astrodyne Corporation EFM-0105 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10W Ultraminiature Open Frame Switching Power Supplies
E F M 1 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
High Efficiency
Improved EMI Performance
3000V Isolation
Single, Dual & Triple Outputs
UL60950-1, EN60950-1
Model Number
Output Voltage
Output Amps(max)
SINGLE OUTPUT
EFM-0100
3.3 Volts(DC)
2.5Amps
EFM-0101
5 Volts(DC)
2Amps
EFM-0122
9 Volts(DC)
1.1Amps
EFM-0102
12 Volts(DC)
0.85Amps
EFM-0103
15 Volts(DC)
0.67Amps
EFM-0105
24 Volts(DC)
0.42Amps
DUAL OUTPUT
EFM-0106
±12 Volts(DC)
±0.42Amps
EFM-0107
±15 Volts(DC)
±0.34Amps
EFM-0108
5 / 12Volts(DC)
1.3 / 0.6Amps
TRIPLE OUTPUT
EFM-0109
5/ ±12 Volts(DC)
1.8 / ±0.13Amps
EFM-0111
5/ ±15 Volts(DC)
1.8/ ±0.13Amps
1.66”W x 2.46”L x 0.91”H


Similar Part No. - EFM-0105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM-0105 ASTRODYNE-EFM-0105 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM-0105M ASTRODYNE-EFM-0105M Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - EFM-0105

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com