Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC160-0-50-0-6 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # LC160-0-50-0-6
Description  Environment conditions: Vectron MIL - standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

LC160-0-50-0-6 Datasheet(HTML) 1 Page - Vectron International, Inc

  LC160-0-50-0-6 Datasheet HTML 1Page - Vectron International, Inc LC160-0-50-0-6 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
07 September 2010
Specification for LC band pass filter:
L C 1 6 0 . 0 - 5 0 . 0 / 0 6
1. General
1.1. Package:
1.2.
Type name:
LC 160.0-50.0/06
1.3.
Number of poles:
10
1.4.
Operating temperature range ( OTR ):
-20°C to +70°C
1.5.
Storage temperature range:
-30°C to +80°C
time (s)
temperature (°C)
260°C max.
260
217
0
Reflow soldering: three times max.
max 300s
10,,,,,,30s
30,,,150s


Similar Part No. - LC160-0-50-0-6

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC160-0-50-0-06 VECTRON-LC160-0-50-0-06 Datasheet
127Kb / 2P
   Environment conditions: Vectron MIL - standard
More results

Similar Description - LC160-0-50-0-6

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC160-0-50-0-06 VECTRON-LC160-0-50-0-06 Datasheet
127Kb / 2P
   Environment conditions: Vectron MIL - standard
MQF109-65-1200-06 VECTRON-MQF109-65-1200-06 Datasheet
34Kb / 1P
   Environment conditions: Vectron MIL-standard
LC0-31-0-06 VECTRON-LC0-31-0-06 Datasheet
115Kb / 2P
   Environment conditions: Vectron MIL standard
LC187-5-65-0-06 VECTRON-LC187-5-65-0-06 Datasheet
101Kb / 2P
   Environment conditions: Vectron MIL - standard
LC154-75-37-9-07 VECTRON-LC154-75-37-9-07 Datasheet
92Kb / 2P
   Environment conditions: Vectron MIL - standard
QF5-3125-0600-06 VECTRON-QF5-3125-0600-06 Datasheet
141Kb / 2P
   Environment conditions according to Vectron MIL standard
MQF84-25-5000-06 VECTRON-MQF84-25-5000-06 Datasheet
36Kb / 1P
   Environment conditions: Corresponding to Vectron MIL standard
QF90-0-5200-04 VECTRON-QF90-0-5200-04 Datasheet
137Kb / 1P
   Environment conditions: Corresponding to Vectron MIL standard
QF4-3-0210-06 VECTRON-QF4-3-0210-06 Datasheet
103Kb / 2P
   Environment conditions: Corresponding to VECTRON MIL-standard
MQF90-0-0600-02 VECTRON-MQF90-0-0600-02 Datasheet
265Kb / 2P
   Environment conditions according to Vectron MIL standard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com