Electronic Components Datasheet Search |
|
ZM50E20A03 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
ZM50E20A03 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center |
2 / 12 page MICRO SWITCH™ Standard Subminiature Snap-Action Z Series SPECIFICATIONS SERIES ZM (coil internal spring) ZM1 (flat internal spring) ZV (coil spring) Differentiator Integral lever, no ENEC, and an internal coil spring Integral lever, ENEC, and a flat internal spring Snap-on lever, ENEC, and coil spring Use Use when ENEC is not required and the lever needs to be better secured to the switch Used when added forces of a flat snap spring, ENEC, and a secured lever are required Use when ENEC and a snap-on lever are required Potential applications alarms, computers, food processors, gas detectors, humidifiers, joysticks, money sorters, water pumps air conditioners, consumer electronics, gas detectors, humidifiers, telephones, time recorders, toys air conditioners, computers, consumer appliances, gas detectors, joysticks, money sorters, telephones, toys Ampere rating 0.1 A, 5 A, 10.1 A 0.1 A, 3 A, 6 A, 10.1 A 0.1 A, 6 A, 10.1 A Circuitry SPDT, SPNO SPDT, SPNO, SPNC SPDT, SPNO, SPNC Operating force 0.18 oz to 8.78 oz 12 gf to 355 gf 0.78 oz to 11.01 oz Termination Quick connect, solder, pcb Quick connect, solder, pcb quick connect, solder, pcb Actuator Pin plunger, straight, roller, sim. roller, L-shaped Pin plunger, straight, roller, sim. roller, L-shaped pin plunger, straight, roller, sim. roller Voltage 125 Vac, 250 Vac, 30 Vdc 125 Vac, 250 Vac 125 Vac/125 Vdc 6(2) A 250 Vac Agency approvals UL, CE, CSA UL, cUL, ENEC UL, CE, CSA, ENEC Agency file info CE: 61058-1; UL: E12252; CSA: LR212438 UL: E12252; c-UL: E12252 CE: 61058-1; UL:12252; c-UL: E12252 Operating temperature -40 °C to 120 °C [-40 °F to 248 °F] -40 °C to 120 °C [-40 °F to 248 °F] -40 °C to 120 °C [-40 °F to 248 °F] Contacts Silver, gold-plated silver, gold- plated brass, silver-tin-indium oxide Silver, gold-plated silver, gold- plated brass, silver-tin-indium oxide Silver, gold-plated silver, silver- tin-indium oxide Housing Polyamide (nylon) Polyamide (nylon) Polyamide (nylon) Sealing None Storage humidity 85 % RH max. at 40 °C [104 °F] Dielectric strength 1000 Vac (50 Hz to 60 Hz) between contacts, between terminals and ground, for one minute 1000 Vac (50 Hz to 60 Hz)/min 1000 Vac (50 Hz to 60 Hz) between contacts, between terminals and ground, for one minute Contact resistance 300 mOhm max. 300 mOhm max. 300 mOhm max. Insulation resistance 100 mOhm min. (at 500 Vdc/min) 100 mOhm min. (at 250 Vdc/min) 100 mOhm min. (at 500 Vdc/min) Vibration 10 Hz to 55 Hz, displacement 0,75 mm (p-p) Expected mechanical life 10 million min. 10,000 operations min. 10 million min. Electrical service life Min. 1,000,000 operations on resistive load current 0.1 A at 125 Vac; 0.1 A at 30 Vdc; Min. 6,000 operations on resistive load 5 A at 125/250 Vac Min. 10 million @ <10 A; Min. 1 million min. @ 10 A Min. 1,000,000 operations @ 0.1 A; Min 10,000 operations on resistive and motor load current 6(2) A 250 Vac Electrical operating frequency 0.1 A – 120 operations/min other – 10 to 30 operations/min 10 to 30 operations/min 0.1 A – 120 operations/min; Other – 10 to 30 operations/min Mechanical operation frequency 120 operations/min. 2 sensing.honeywell.com |
Similar Part No. - ZM50E20A03 |
|
Similar Description - ZM50E20A03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |