Electronic Components Datasheet Search |
|
ZM10B60A03 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center |
|
ZM10B60A03 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center |
3 / 12 page Snap-Action Switches SERIES ZW (water-tight) ZD (water-tight) ZX Differentiator IP67 rating with lead wires; snap-on lever, coil spring, and ENEC Smaller sized (like the ZX), sealed to IP67 (with leadwires only); plunger travel can be restricted, offers side-post quick mounting Two-thirds the size of the ZM Series; unsealed, integral lever, and coil spring Use Use when a sealed position switch in a small and cost- effective package is required Use for automotive applications due to sealing and quick mounting option Use when a much smaller unsealed position switch is required Potential applications air conditioners, computers, consumer appliances, gas detectors, joysticks, money sorters, telephones, toys automotive (operation systems and engine area interior), air conditioners, communication, electric toothbrushes, toys calculators, computer mouse, cordless phones, electric knife & stapler, tester machines, walkie- talkies Ampere rating 0.1 A. 5 A 0.1 A, 3 A 0.1 A. 3 A Circuitry SPDT, SPNO, SPNC SPDT SPDT Operating force 1.94 oz to 7.16 oz 130 gf to 195 gf 0.53 oz to 5.3 oz Termination quick connect, solder, cable bottom exit, cable side exit Solder, pcb straight, pcb left angle, pcb right angle, pre-wired solder, pcb snap-in, pcb left angle, pcb right angle Actuator pin plunger, straight, roller, sim. roller Pin plunger, straight, sim. roller pin plunger, straight, roller, special Voltage 125 Vac, 250 Vac 125 Vac, 12 Vdc 125 Vac , 48 Vdc Agency approvals UL, cUL, CE, ENEC UL, cUL, CE, ENEC UL, CE, CSA Agency file info CE: 61058-1; UL: E12252; c-UL: E12252 UL: E12252; c-UL: E12252 CE: 61058-1; UL:12252; CSA: LR212438 Operating temperature -40 °C to 120 °C [-40 °F to 248 °F] (w/o wires) -40 °C to 105 °C [-40 °F to 221 °F] (w/ wires) -40 °C to 120 °C [-40 °F to 248 °F] -40 °C to 120 °C [-40 °F to 248 °F] Contacts silver, gold-plated silver Silver, gold-plated silver silver, gold-plated silver Housing PBT polyester thermoplastic PBT polyester thermoplastic Polyamide (nylon) Sealing IP67 (with leadwires only) IP67 (with leadwires only) None Storage humidity 85 % RH max. at 40 °C [104 °F] Dielectric strength 1000 Vac (50 Hz to 60 Hz) between contacts and 1250 Vac (50 Hz to 60 Hz), between terminals and ground, for one minute 150 Vac (50 Hz to 60 Hz)/minute between contacts, 500 Vac (50 Hz to 60 Hz)/minute between live parts and dead metal parts 1000 Vac (50 Hz to 60 Hz) between contacts, between terminals and ground, for one minute Contact resistance 30 mOhm max. 100 mOhm max. 100 mOhm max. Insulation resistance 100 mOhm min. (at 500 Vdc/min) 100 mOhm min. (at 250 Vdc/min) 100 mOhm min. (at 500 Vdc/min) Vibration 10 Hz to 55 Hz, displacement 0,75 mm (p-p) Expected mechanical life 2 million min. 500,000 min. 1 million min. Electrical service life Min. 10,000 operations Min. 500,000 operations on resistive load current 10 mA; Min. 6000 operations on resistive load current 3 A Min. 1,000,000 operations on resistive load current 0.1 A at 48 Vdc; Min. 10,000 operations on resistive load current 3 A at 125 Vac Electrical operating frequency 10 to 30 operations/min 10 mA – 120 operations/min 3 A – 10 to 30 operations/min 0.1 A – 120 operations/min 3 A – 10 to 30 operations/min Mechanical operation frequency 120 operations/min. Honeywell Sensing and Control 3 |
Similar Part No. - ZM10B60A03 |
|
Similar Description - ZM10B60A03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |