Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH4007SPSQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH4007SPSQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPSQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH4007SPSQ Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 7Page - Diodes Incorporated DMTH4007SPSQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMTH4007SPSQ
Document number: DS38160 Rev. 1 - 2
3 of 8
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPSQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 32V, VGS = 0V
(Note 9)
IDSS
100
μA
VDS = 32V, VGS = 0V, TJ = +125°C
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
2
4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
4.9
7.6
m
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
2,082
pF
VDS = 25V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
790
Reverse Transfer Capacitance
Crss
113
Gate Resistance
Rg
0.1
0.46
1.4
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
41.9
nC
VDS = 30V, ID = 20A, VGS = 10V
Gate-Source Charge
Qgs
10
Gate-Drain Charge
Qgd
11.5
Turn-On Delay Time
tD(ON)
7
ns
VDD = 30V, VGS = 10V,
ID = 20A, RG = 3Ω
Turn-On Rise Time
tR
11.5
Turn-Off Delay Time
tD(OFF)
15.6
Turn-Off Fall Time
tF
8.8
Body Diode Reverse Recovery Time
tRR
29.9
ns
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
23
nC
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
10. Package limited.


Similar Part No. - DMTH4007SPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
391Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS-13 DIODES-DMTH4007SPS-13 Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS-13 DIODES-DMTH4007SPS-13 Datasheet
391Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS_17 Datasheet
391Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH4007SPSQ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com