Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR16020 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMR16020
Description  2 A Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16020 Datasheet(HTML) 5 Page - Texas Instruments

  LMR16020 Datasheet HTML 1Page - Texas Instruments LMR16020 Datasheet HTML 2Page - Texas Instruments LMR16020 Datasheet HTML 3Page - Texas Instruments LMR16020 Datasheet HTML 4Page - Texas Instruments LMR16020 Datasheet HTML 5Page - Texas Instruments LMR16020 Datasheet HTML 6Page - Texas Instruments LMR16020 Datasheet HTML 7Page - Texas Instruments LMR16020 Datasheet HTML 8Page - Texas Instruments LMR16020 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LMR16020
www.ti.com
SNVSAH8 – DECEMBER 2015
6.1 Trademarks
PowerPAD, E2E are trademarks of Texas Instruments.
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
6.2 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
6.3 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMR16020


Similar Part No. - LMR16020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCR TI1-LMR16006XDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCT TI1-LMR16006XDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

Similar Description - LMR16020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS62480 TI1-TPS62480 Datasheet
2Mb / 36P
[Old version datasheet]   2-Phase Step-Down Converter
LMR16010 TI1-LMR16010 Datasheet
161Kb / 9P
[Old version datasheet]   1 A Step-Down Converter
TPS62590 TI1-TPS62590_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com