Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940RHBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940RHBR
Description  16-Channel LED Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5940RHBR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5940RHBR Datasheet HTML 1Page - Texas Instruments TLC5940RHBR Datasheet HTML 2Page - Texas Instruments TLC5940RHBR Datasheet HTML 3Page - Texas Instruments TLC5940RHBR Datasheet HTML 4Page - Texas Instruments TLC5940RHBR Datasheet HTML 5Page - Texas Instruments TLC5940RHBR Datasheet HTML 6Page - Texas Instruments TLC5940RHBR Datasheet HTML 7Page - Texas Instruments TLC5940RHBR Datasheet HTML 8Page - Texas Instruments TLC5940RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TLC5940
SLVS515D – DECEMBER 2004 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 13
1
Features .................................................................. 1
8.3
Feature Description................................................. 13
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 18
3
Description ............................................................. 1
9
Application and Implementation ........................ 23
4
Revision History..................................................... 2
9.1
Application Information............................................ 23
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 23
6
Specifications......................................................... 5
10
Power Supply Recommendations ..................... 25
6.1
Absolute Maximum Ratings ...................................... 5
11
Layout................................................................... 25
6.2
ESD Ratings.............................................................. 5
11.1
Layout Guidelines ................................................. 25
6.3
Recommended Operating Conditions ....................... 5
11.2
Layout Example .................................................... 25
6.4
Thermal Information .................................................. 6
11.3
Power Dissipation Calculation .............................. 26
6.5
Electrical Characteristics........................................... 7
12
Device and Documentation Support ................. 27
6.6
Switching Characteristics .......................................... 8
12.1
Community Resources.......................................... 27
6.7
Typical Characteristics .............................................. 9
12.2
Trademarks ........................................................... 27
7
Parameter Measurement Information ................ 11
12.3
Electrostatic Discharge Caution ............................ 27
7.1
Test Parameter Equations ...................................... 12
12.4
Glossary ................................................................ 27
8
Detailed Description ............................................ 13
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 13
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2007) to Revision D
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision B (September 2007) to Revision C
Page
Changed tsu5 setup time from: 30 ms to: 30 ns ...................................................................................................................... 6
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TLC5940


Similar Part No. - TLC5940RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940RHBR TI-TLC5940RHBR Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940RHBRG4 TI-TLC5940RHBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5940RHBR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
   16 Channel LED driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
   16-Channel LED Driver
logo
LDT Co., Ltd
LD1071 LDT-LD1071 Datasheet
554Kb / 36P
   16 Channel Output LED Driver
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
   16-Channel Constant-Current LED Driver
logo
Texas Instruments
TLC59281 TI-TLC59281 Datasheet
462Kb / 19P
[Old version datasheet]   16-Channel, Constant-Current LED Driver
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Kingbor Technology Co
KB6282 KINGBOR-KB6282 Datasheet
439Kb / 13P
   16-Channel Constant-Current LED Driver
logo
Linear Technology
LT3595 LINER-LT3595_15 Datasheet
390Kb / 16P
   16 Channel Buck Mode LED Driver
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com