Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS549A20RVET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS549A20RVET
Description  15A Synchronous Step-Down SWIFT Converter With PMBus
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS549A20RVET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS549A20RVET Datasheet HTML 2Page - Texas Instruments TPS549A20RVET Datasheet HTML 3Page - Texas Instruments TPS549A20RVET Datasheet HTML 4Page - Texas Instruments TPS549A20RVET Datasheet HTML 5Page - Texas Instruments TPS549A20RVET Datasheet HTML 6Page - Texas Instruments TPS549A20RVET Datasheet HTML 7Page - Texas Instruments TPS549A20RVET Datasheet HTML 8Page - Texas Instruments TPS549A20RVET Datasheet HTML 9Page - Texas Instruments TPS549A20RVET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
TPS549A20
SLUSC79A – NOVEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TPS549A20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range, VDD = 12V, VREG = 5 V, VEN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Specified by design. Not production tested.
SMPS FREQUENCY
fSW
VO switching frequency
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
000
250
kHz
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
001
300
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
010
400
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
011
500
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
100
600
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
101
750
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
110
850
VIN = 12 V, VVO = 3.3 V, FS<2:0> =
111
1000
tON(min)
Minimum on-time
TA = 25°C
(3)
60
ns
tOFF(min)
Minimum off-time
TA = 25°C
175
240
310
ns
INTERNAL BOOTSTRAP SW
VF
Forward Voltage
VVREG–VBST, TA = 25°C, IF = 10 mA
0.15
0.25
V
IVBST
VBST leakage current
TA = 25°C, VVBST = 33 V, VSW = 28
V
0.01
1.5
µA
LOGIC THRESHOLD
VENH
EN enable threshold voltage
1.3
1.4
1.5
V
VENL
EN disable threshold voltage
1.1
1.2
1.3
V
VENHYST
EN hysteresis voltage
0.22
V
VENLEAK
EN input leakage current
–1
0
1
µA
SOFT-START
tSS
Soft-start time
SST <1:0> = 00
1
ms
SST <1:0> = 01
2
SST <1:0> = 10
4
SST <1:0> = 11
8
POWERGOOD COMPARATOR
VPGTH
PGOOD threshold
PGOOD in from higher
104
108
111
%
PGOOD in from lower
89
92
96
%
PGOOD out to higher
113
116
120
%
PGOOD out to lower
80
84
87
%


Similar Part No. - TPS549A20RVET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900 TI1-TPS54900 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI-TPS54900PW Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Similar Description - TPS549A20RVET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
logo
Monolithic Power System...
MP38875 MPS-MP38875 Datasheet
595Kb / 14P
   15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
logo
Texas Instruments
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
logo
Monolithic Power System...
MP38876 MPS-MP38876 Datasheet
411Kb / 15P
   15A, 28V, High Frequency Step-Down Converter with Synchronous Gate Driver
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com