Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2559QWDRCRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2559QWDRCRQ1
Description  Precision Adjustable Current-Limited Power-Distribution Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2559QWDRCRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2559QWDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 9Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 10Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 11Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 12Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 13Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 14Page - Texas Instruments TPS2559QWDRCRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPS2559-Q1
www.ti.com
SLVSD03 – DECEMBER 2015
Feature Description (continued)
9.3.2 Overcurrent Protection
The TPS2559-Q1 responds to overcurrent conditions by limiting their output current to IOS. When an overload
condition is present, the device maintains a constant output current, with the output voltage determined by (IOS ×
RLOAD). Two possible overload conditions can occur.
The first condition is when a short circuit or partial short circuit is present when the device is powered-up or
enabled. The output voltage is held near zero potential with respect to ground and the TPS2559-Q1 ramps the
output current to IOS. The TPS2559-Q1 limits the current to IOS until the overload condition is removed or the
device begins to thermal cycle (see Figure 24).
The second condition is when a short circuit, partial short circuit, or transient overload occurs while the device is
enabled and powered on. The device responds to the overcurrent condition within time tIOS (see Figure 15). The
response speed and shape will vary with the overload level, input circuit, and rate of application. The current-limit
response will vary between simply settling to IOS, or turnoff and controlled return to IOS. Similar to the previous
case, the TPS2559-Q1 limits the current to IOS until the overload condition is removed or the device begins to
thermal cycle.
The TPS2559-Q1 thermal cycles if an overload condition is present long enough to activate thermal limiting in
any of the above cases. The device turns off when the junction temperature exceeds 135°C (min) while in current
limit. The device remains off until the junction temperature cools 20°C (typ) and then restarts. The TPS2559-Q1
cycles on/off until the overload is removed (see Figure 25).
9.3.3 FAULT Response
The FAULT open-drain output is asserted (active low) during an over-current or over-temperature condition. The
TPS2559-Q1 asserts the FAULT signal until the fault condition is removed and the device resumes normal
operation. The TPS2559-Q1 is designed to eliminate false FAULT reporting by using an internal delay "deglitch"
circuit for over-current (9-ms typ.) conditions without the need for external circuitry. This ensures that FAULT is
not accidentally asserted due to normal operation such as starting into a heavy capacitive load. The deglitch
circuitry delays entering and leaving current-limit induced fault conditions. The FAULT signal is not deglitched
when the MOSFET is disabled due to an over-temperature condition but is deglitched after the device has cooled
and begins to turn on. This unidirectional deglitch prevents FAULT oscillation during an over-temperature event.
9.4 Device Functional Modes
9.4.1 Operation with VIN Undervoltage Lockout (UVLO) Control
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn-
on threshold. Built-in hysteresis prevents unwanted on/off cycling due to input voltage droop during turn on.
9.4.2 Operation with EN Control
The logic enable controls the power switch and device supply current. The supply current is reduced to less than
2-
μA when a logic low is present on EN. A logic high input on EN enables the driver, control circuits, and power
switch. The enable input is compatible with both TTL and CMOS logic levels.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2559-Q1


Similar Part No. - TPS2559QWDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559DRCR TI1-TPS2559DRCR Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559DRCT TI1-TPS2559DRCT Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results

Similar Description - TPS2559QWDRCRQ1

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com