Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100CMYE Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5100CMYE
Description  High-Voltage, High-Side and Low-Side Gate Drivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100CMYE Datasheet(HTML) 4 Page - Texas Instruments

  LM5100CMYE Datasheet HTML 1Page - Texas Instruments LM5100CMYE Datasheet HTML 2Page - Texas Instruments LM5100CMYE Datasheet HTML 3Page - Texas Instruments LM5100CMYE Datasheet HTML 4Page - Texas Instruments LM5100CMYE Datasheet HTML 5Page - Texas Instruments LM5100CMYE Datasheet HTML 6Page - Texas Instruments LM5100CMYE Datasheet HTML 7Page - Texas Instruments LM5100CMYE Datasheet HTML 8Page - Texas Instruments LM5100CMYE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
VDD
HB
HO
HS
LO
VSS
LI
HI
MSOP-
PowerPad-8
1
2
3
4
5
6
7
8
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
DGN Package
8-Pin MSOP-PowerPAD
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
8 PINS
10 PINS(1)
High-side gate driver bootstrap supply. Connect the positive terminal of the bootstrap
HB
2
2
I
capacitor to HB and the negative terminal to HS. The bootstrap capacitor should be
placed as close to the IC as possible.
High-side driver control input. The LM5100A/B/C inputs have CMOS type thresholds.
HI
5
7
I
The LM5101A/B/C inputs have TTL type thresholds. Unused inputs should be tied to
ground and not left open.
High-side gate driver output. Connect to the gate of high-side MOSFET with a short,
HO
3
3
O
low inductance path.
High-side MOSFET source connection. Connect to the bootstrap capacitor negative
HS
4
4
terminal and the source of the high-side MOSFET.
Low-side driver control input. The LM5100A/B/C inputs have CMOS type thresholds.
LI
6
8
I
The LM5101A/B/C inputs have TTL type thresholds. Unused inputs should be tied to
ground and not left open.
Low-side gate driver output. Connect to the gate of the low-side MOSFET with a
LO
8
10
O
short, low inductance path.
Positive gate drive supply . Locally decouple to VSS using low ESR/ESL capacitor
VDD
1
1
I
located as close to the IC as possible.
VSS
7
9
Ground return. All signals are referenced to this ground.
TI recommends that the exposed pad on the bottom of the package is soldered to
EP(2)
ground plane on the PC board, and that ground plane should extend out from
beneath the IC to help dissipate heat.
(1)
For WSON-10 package, pins 5 and 6 have no connection.
(2)
Exposed pad is not available on the 8-pin SOIC package.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Similar Part No. - LM5100CMYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100CMYE/NOPB TI1-LM5100CMYE/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100CMYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com