Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS562201 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS562201
Description  Synchronous Step-Down Voltage Regulator in 6-Pin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562201 Datasheet(HTML) 1 Page - Texas Instruments

  TPS562201 Datasheet HTML 1Page - Texas Instruments TPS562201 Datasheet HTML 2Page - Texas Instruments TPS562201 Datasheet HTML 3Page - Texas Instruments TPS562201 Datasheet HTML 4Page - Texas Instruments TPS562201 Datasheet HTML 5Page - Texas Instruments TPS562201 Datasheet HTML 6Page - Texas Instruments TPS562201 Datasheet HTML 7Page - Texas Instruments TPS562201 Datasheet HTML 8Page - Texas Instruments TPS562201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Iload (A)
0.001
0.01 0.02
0.05 0.1 0.2
0.5
1
2 3 4 5
5
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D021
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5 V
TPS562201
VIN
VBST
SW
GND
EN
VFB
1
2
3
4
5
6
VOUT
VOUT
EN
VIN
COUT
CIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS562201, TPS562208
SLVSD91 – DECEMBER 2015
TPS56220x 4.5-V to 17-V Input, 2-A Synchronous Step-Down Voltage Regulator in 6-Pin
SOT-23
1 Features
3 Description
The TPS562201 and TPS562208 are simple, easy-to-
1
TPS562201 and TPS562208 2-A Converter
use, 2-A synchronous step-down converters in SOT-
Integrated 140-m
Ω and 84-mΩ FETs
23 package.
D-CAP2™ Mode Control With Fast Transient
The devices are optimized to operate with minimum
Response
external component counts and also optimized to
Input Voltage Range: 4.5 V to 17 V
achieve low standby current.
Output Voltage Range: 0.76 V to 7 V
These switch mode power supply (SMPS) devices
Pulse-Skip Mode (TPS562201) or Continuous
employ D-CAP2 mode control providing a fast
Current Mode (TPS562208)
transient
response
and
supporting
both
low
580-kHz Switching Frequency
equivalent series resistance (ESR) output capacitors
such as specialty polymer and ultra-low ESR ceramic
Low Shutdown Current Less than 10 µA
capacitors
with
no
external
compensation
2% Feedback Voltage Accuracy (25°C)
components.
Startup from Pre-Biased Output Voltage
The TPS562201 operates in pulse skip mode, which
Cycle-by-Cycle Overcurrent Limit
maintains high efficiency during light load operation.
Hiccup-Mode Overcurrent Protection
The TPS562201 and TPS562208 are available in a 6-
pin 1.6 × 2.9 (mm) SOT (DDC) package and
Non-Latch UVP and TSD Protections
specified
from
–40°C
to
125°C
of
junction
Fixed Soft-Start: 1.0 ms
temperature.
2 Applications
Device Information(1)
Digital TV Power Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High Definition Blu-ray™ Disc Players
TPS562201
SOT (6)
1.60 mm × 2.90 mm
TPS562208
Networking Home Terminal
(1) For all available packages, see the orderable addendum at
Digital Set-Top Box (STB)
the end of the data sheet.
Surveillance
Simplified Schematic
TPS563201 Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS562201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS562200DDCR TI1-TPS562200DDCR Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200DDCT TI1-TPS562200DDCT Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results

Similar Description - TPS562201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
logo
Linear Technology
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com