Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650860 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS650860
Description  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650860 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS650860 Datasheet HTML 7Page - Texas Instruments TPS650860 Datasheet HTML 8Page - Texas Instruments TPS650860 Datasheet HTML 9Page - Texas Instruments TPS650860 Datasheet HTML 10Page - Texas Instruments TPS650860 Datasheet HTML 11Page - Texas Instruments TPS650860 Datasheet HTML 12Page - Texas Instruments TPS650860 Datasheet HTML 13Page - Texas Instruments TPS650860 Datasheet HTML 14Page - Texas Instruments TPS650860 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
TPS650860
www.ti.com
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
4.7
Electrical Characteristics: Buck Controllers
over recommended input voltage range, TA = –40°C to 85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK1, BUCK2, BUCK6
Power input voltage for
VIN
5.6
13
21
V
external HSD FET
VID step size = 10 mV, BUCKx_VID[6:0]
0.41
1.67
V
progresses from 0000001 to 1111111
DC output voltage VID
range and options
VID step size = 25 mV, BUCKx_VID[6:0]
1(1)
3.575
V
progresses from 0000001 to 1111111
Set by BUCK1_VID[6:0], 10 mV step size
BUCK1 output voltage
1.05
V
selected
Set by BUCK2_VID[6:0], 25 mV step size
BUCK2 output voltage
3.3
V
VOUT
selected
Set by BUCK6_VID[6:0], 10 mV step size
BUCK6 output voltage
1.5
V
selected
DC output voltage
VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5, 3.3 V,
–2%
2%
accuracy
IOUT = 100 mA to 7 A
Total output voltage
accuracy (DC + ripple) in
IOUT = 10 mA, VOUT ≤ 1 V
–30
40
mV
DCM
SR(VOUT)
Output DVS slew rate
2.5
3.125
mV/µs
Low-side output valley
current limit accuracy
ILIM_LSD
–15%
15%
(programmed by external
resistor RLIM)
Source current out of
ILIMREF
T = 25°C
45
50
55
µA
ILIM1 pin
VLIM
Voltage at ILIM1 pin
VLIM = RLIM × ILIMREF
0.2
2.25
V
VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5, 3.3 V,
ΔVOUT/ΔVIN
Line regulation
–0.5%
0.5%
IOUT = 7 A
VIN = 13 V, VOUT = 1, 1.2, 1.35, 1.5, 1.8, 2.5,
ΔVOUT/ΔIOUT
Load regulation
3.3 V, IOUT = 0 A to 7 A,
0%
1%
referenced to VOUT at IOUT = IOUT_MAX
Power Good deassertion
VOUT rising
105.5%
108%
110.5%
VTH_PG
threshold in percentage
VOUT falling
89.5%
92%
94.5%
of target VOUT
Source, IDRVH = –50 mA
3
Ω
RDSON_DRVH
Driver DRVH resistance
Sink, IDRVH = 50 mA
2
Ω
Source, IDRVL = –50 mA
3
Ω
RDSON_DRVL
Driver DRVL resistance
Sink, IDRVL = 50 mA
0.4
Ω
BUCK1_DIS[1:0] = 01
100
Ω
Output auto-discharge
RDIS
BUCK1_DIS[1:0] = 10
200
Ω
resistance
BUCK1_DIS[1:0] = 11
500
Ω
CBOOT
Bootstrap capacitance
100
nF
Bootstrap switch ON
RON_BOOT
20
Ω
resistance
(1)
BUCKx_VID[6:0] = 0000001 – 0011000
Copyright © 2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: TPS650860


Similar Part No. - TPS650860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860A0RSKR TI1-TPS650860A0RSKR Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860A0RSKT TI1-TPS650860A0RSKT Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
More results

Similar Description - TPS650860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860_16 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com