Electronic Components Datasheet Search |
|
LM5101AM Datasheet(PDF) 4 Page - Texas Instruments |
|
LM5101AM Datasheet(HTML) 4 Page - Texas Instruments |
4 / 37 page VDD HB HO HS LO VSS LI HI MSOP- PowerPad-8 1 2 3 4 5 6 7 8 LM5100A, LM5100B, LM5100C LM5101A, LM5101B, LM5101C SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015 www.ti.com DGN Package 8-Pin MSOP-PowerPAD Top View Pin Functions PIN I/O DESCRIPTION NAME 8 PINS 10 PINS(1) High-side gate driver bootstrap supply. Connect the positive terminal of the bootstrap HB 2 2 I capacitor to HB and the negative terminal to HS. The bootstrap capacitor should be placed as close to the IC as possible. High-side driver control input. The LM5100A/B/C inputs have CMOS type thresholds. HI 5 7 I The LM5101A/B/C inputs have TTL type thresholds. Unused inputs should be tied to ground and not left open. High-side gate driver output. Connect to the gate of high-side MOSFET with a short, HO 3 3 O low inductance path. High-side MOSFET source connection. Connect to the bootstrap capacitor negative HS 4 4 — terminal and the source of the high-side MOSFET. Low-side driver control input. The LM5100A/B/C inputs have CMOS type thresholds. LI 6 8 I The LM5101A/B/C inputs have TTL type thresholds. Unused inputs should be tied to ground and not left open. Low-side gate driver output. Connect to the gate of the low-side MOSFET with a LO 8 10 O short, low inductance path. Positive gate drive supply . Locally decouple to VSS using low ESR/ESL capacitor VDD 1 1 I located as close to the IC as possible. VSS 7 9 — Ground return. All signals are referenced to this ground. TI recommends that the exposed pad on the bottom of the package is soldered to EP(2) — ground plane on the PC board, and that ground plane should extend out from beneath the IC to help dissipate heat. (1) For WSON-10 package, pins 5 and 6 have no connection. (2) Exposed pad is not available on the 8-pin SOIC package. 4 Submit Documentation Feedback Copyright © 2006–2015, Texas Instruments Incorporated Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C |
Similar Part No. - LM5101AM |
|
Similar Description - LM5101AM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |