Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS563201DDCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS563201DDCT
Description  Synchronous Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563201DDCT Datasheet(HTML) 1 Page - Texas Instruments

  TPS563201DDCT Datasheet HTML 1Page - Texas Instruments TPS563201DDCT Datasheet HTML 2Page - Texas Instruments TPS563201DDCT Datasheet HTML 3Page - Texas Instruments TPS563201DDCT Datasheet HTML 4Page - Texas Instruments TPS563201DDCT Datasheet HTML 5Page - Texas Instruments TPS563201DDCT Datasheet HTML 6Page - Texas Instruments TPS563201DDCT Datasheet HTML 7Page - Texas Instruments TPS563201DDCT Datasheet HTML 8Page - Texas Instruments TPS563201DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Output Current (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D023
VOUT = 1.05 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5 V
TPS563201
VIN
SW
GND
1
2
3
4
5
6
VOUT
VOUT
EN
VIN
COUT
CIN
VBST
EN
VFB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS563201, TPS563208
SLVSD90 – DECEMBER 2015
TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
1 Features
3 Description
The TPS563201 and TPS563208 are simple, easy-to-
1
TPS563201 and TPS563208 3-A Converter
use, 3 A synchronous step-down converters in SOT-
Integrated 95-m
Ω and 57-mΩ FETs
23 package.
D-CAP2™ Mode Control with fast transient
The devices are optimized to operate with minimum
response
external component counts and also optimized to
Input Voltage Range: 4.5 V to 17 V
achieve low standby current.
Output Voltage Range: 0.76 V to 7 V
These switch mode power supply (SMPS) devices
Pulse-skip mode (TPS563201) or Continuous
employ D-CAP2 mode control providing a fast
Current Mode (TPS563208)
transient
response
and
supporting
both
low-
580-kHz Switching Frequency
equivalent series resistance (ESR) output capacitors
such as specialty polymer and ultra-low ESR ceramic
Low Shutdown Current Less than 10 µA
capacitors
with
no
external
compensation
2% Feedback Voltage Accuracy (25 ºC)
components.
Startup from Pre-Biased Output Voltage
TPS563201 operates in pulse skip mode, which
Cycle-by-Cycle Overcurrent Limit
maintains high efficiency during light load operation.
Hiccup-mode Overcurrent Protection
The TPS563201 and TPS563208 are available in a 6-
pin 1.6-mm × 2.9-mm SOT (DDC) package, and
Non-Latch UVP and TSD Protections
specified
from
a
–40°C
to
125°C
junction
Fixed Soft Start: 1.0 ms
temperature.
2 Applications
Device Information(1)
Digital TV Power Supply
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High Definition Blu-ray™ Disc Players
TPS563201
DDC (6)
1.60 mm × 2.90 mm
TPS563208
Networking Home Terminal
(1) For all available packages, see the orderable addendum at
Digital Set Top Box (STB)
the end of the data sheet.
Surveillance
Simplified Schematic
TPS563201 Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS563201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201DDCT TI-TPS563201DDCT Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
More results

Similar Description - TPS563201DDCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3544 LINER-LTC3544_15 Datasheet
298Kb / 16P
   Quad Synchronous Step-Down Regulator
LTC3544B LINER-LTC3544B_15 Datasheet
298Kb / 18P
   Quad Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com