Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924CYZPRB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22924CYZPRB
Description  On-Resistance Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22924CYZPRB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22924CYZPRB Datasheet HTML 7Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 8Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 9Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 10Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 11Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 12Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 13Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 14Page - Texas Instruments TPS22924CYZPRB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0
200
400
600
800
1000
1200
0
0.5
1
1.5
2
2.5
3
3.5
4
VIN (V)
TA = 25°C
TA = 85°C
TA = -40°C
0
200
400
600
800
1000
1200
1400
0
0.5
1
1.5
2
2.5
3
3.5
4
VIN (V)
TA = 25°C
TA = 85°C
TA = -40°C
0
100
200
300
400
500
600
700
-40
-15
10
35
60
85
Tem perature (°C)
0
1
2
3
4
5
6
-40
-15
10
35
60
85
Tem perature (°C)
TPS22924B, TPS22924C
www.ti.com
SLVSAR3E – APRIL 2011 – REVISED DECEMBER 2015
AC Characteristics (TPS22924C) (continued)
VIN = 0.9 V, CL = 0.1 µF, RL = 10 Ω
VIN = 0.9 V, CL = 0.1 µF, RL = 10 Ω
Figure 30. Rise Time vs Temperature
Figure 31. Fall Time vs Temperature
VON = 1.8 V, CL = 0.1 µF, RL = 10 Ω
VON = 1.8 V, CL = 20 µF, RL = 10 Ω
Figure 32. Rise Time vs Input Voltage
Figure 33. Rise Time vs Input Voltage
CIN = 1 µF, CL = 0.1 µF, RL = 10 Ω, VIN = 0.9 V, TA = 25°C
CIN = 1 µF, CL = 0.1 µF, RL = 10 Ω, VIN = 0.9 V, TA = 25°C
Figure 35. Turn-Off Response
Figure 34. Turn-On Response
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22924B TPS22924C


Similar Part No. - TPS22924CYZPRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results

Similar Description - TPS22924CYZPRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com