Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBURT0530LL-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBURT0530LL-HF
Description  Low Profile SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBURT0530LL-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBURT0530LL-HF Datasheet HTML 1Page - Comchip Technology CDBURT0530LL-HF Datasheet HTML 2Page - Comchip Technology CDBURT0530LL-HF Datasheet HTML 3Page - Comchip Technology CDBURT0530LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
QW-G1111
Comchip Technology CO., LTD.
REV:B
Low Profile SMD Schottky Barrier Diode
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.041
0.002
±
0.077
0.002
±
0.022 0.002
±
0.059
0.004
±
7.008
0.04
±
2.362 MIN.
0.512
0.008
±
SYMBOL
(mm)
(inch)
0.069
0.004
±
0.138
0.002
±
0.157
0.004
±
0.157
0.004
±
0.079
0.002
±
0.008
0.001
±
0.315
0.008
±
0.531 MAX.
1.05
0.05
±
1.96 0.05
±
4.00
0.10
±
1.50
0.10
+
3.50
0.05
±
1.75
0.10
±
60.0 MIN.
13.0
0.20
±
0.57
0.05
±
4.00
0.05
±
2.00
0.05
±
0.20
0.03
±
8.00
0.20
±
13.5 MAX.
178 1
±
0603
(SOD-523F)
0603
(SOD-523F)
Index hole
d
E
F
B
W
P
P0
P1
A
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBURT0530LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBURT0230L-HF COMCHIP-CDBURT0230L-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230R-HF COMCHIP-CDBURT0230R-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
More results

Similar Description - CDBURT0530LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBURT0230L-HF COMCHIP-CDBURT0230L-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230R-HF COMCHIP-CDBURT0230R-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com