Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC188MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC188MS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.25 - 3.0 GHz INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC188MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC188MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC188MS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE CORPORATION
11 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC188MS8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 1.25 - 3.0 GHz INPUT
v02.1201
General Description
Features
Functional Diagram
Conversion Loss: 15 dB
Fo, 3Fo, 4Fo Isolation: 45 dB
Input Drive Level: 10 to 20 dBm
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC188MS8 is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Pt to Pt Radios
• UNII & HiperLAN
• Test Equipment
The HMC188MS8 is a miniature frequency doubler
in a plastic 8-lead MSOP package. The suppres-
sion of undesired fundamental and higher order har-
monics is 45 dB typical with respect to input signal
levels. The doubler uses the same diode/balun tech-
nology used in Hittite MMIC mixers. The doubler is
ideal for high volume applications where frequency
doubling of a lower frequency is more economical
than directly generating a higher frequency. The
passive Schottky diode doubler technology contrib-
utes no measurable additive phase noise onto the
multiplied signal.
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
1.75 - 2.75
1.5 - 2.5
1.25 - 3.0
GHz
Frequency Range, Output
3.5 - 5.5
3.0 - 5.0
2.5 - 6.0
GHz
Conversion Loss
19
22
15
18
16
19
dB
FO Isolation
(with respect to input level)
35
45
dB
3FO Isolation
(with respect to input level)
43
50
dB
4FO Isolation
(with respect to input level)
38
45
dB


Similar Part No. - HMC188MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC188MS8 HITTITE-HMC188MS8 Datasheet
245Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY
logo
Analog Devices
HMC188MS8 AD-HMC188MS8 Datasheet
291Kb / 4P
   Test Equipment
HMC188MS8E AD-HMC188MS8E Datasheet
291Kb / 4P
   Test Equipment
logo
Hittite Microwave Corpo...
HMC188MS8 HITTITE-HMC188MS8_09 Datasheet
245Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY
More results

Similar Description - HMC188MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC156AC8 HITTITE-HMC156AC8 Datasheet
306Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC156C8 HITTITE-HMC156C8 Datasheet
133Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC158C8 HITTITE-HMC158C8 Datasheet
1Mb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
HMC158C8 HITTITE-HMC158C8_08 Datasheet
206Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com