Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2361 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2361
Description  Inverter logic type (Totem pole output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2361 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2361 Datasheet HTML 1Page - Toshiba Semiconductor TLP2361 Datasheet HTML 2Page - Toshiba Semiconductor TLP2361 Datasheet HTML 3Page - Toshiba Semiconductor TLP2361 Datasheet HTML 4Page - Toshiba Semiconductor TLP2361 Datasheet HTML 5Page - Toshiba Semiconductor TLP2361 Datasheet HTML 6Page - Toshiba Semiconductor TLP2361 Datasheet HTML 7Page - Toshiba Semiconductor TLP2361 Datasheet HTML 8Page - Toshiba Semiconductor TLP2361 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLP2361
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
Low-level output voltage
High-level output voltage
Low-level supply current
High-level supply current
Threshold input current (H/L)
Symbol
VF
∆VF/∆Ta
IR
Ct
VOL
VOH
ICCL
ICCH
IFHL
Note
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Test Condition
IF = 2 mA, Ta = 25 
IF = 2 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz, Ta = 25 
IF = 2 mA, IO = 20 µA
IF = 2 mA, IO = 3.2 mA
IO = -20 µA, VF = 0.8 V,
VCC = 3.3 V
IO = -20 µA, VF = 0.8 V,
VCC = 5 V
IO = -3.2 mA, VF = 0.8 V,
VCC = 3.3 V
IO = -3.2 mA, VF = 0.8 V,
VCC = 5 V
IF = 2 mA
IF = 0 mA
IO = 3.2 mA, VO < 0.4 V,
Ta = -40 to 105 
IO = 3.2 mA, VO < 0.4 V,
Ta = -40 to 125 
Min
1.35
3.2
4.9
2.3
4.0
Typ.
1.50
-2.0
20
0.12
3.29
4.99
3.15
4.87
0.65
0.65
0.5
0.5
Max
1.65
10
0.1
0.4
1.0
1.0
1.3
1.6
Unit
V
mV/
µA
pF
V
mA
Note:
All typical values are at VCC = 5 V, Ta = 25 , unless otherwise noted.
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
3750
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4, 5 and 6 are
shorted together.
2015-11-02
Rev.5.0
©2015 Toshiba Corporation


Similar Part No. - TLP2361

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP2361

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com