Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC189MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC189MS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC189MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC189MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC189MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC189MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC189MS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
11 - 21
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
-35
-30
-25
-20
-15
-10
-5
0
2
345678
9
10
FREQUENCY (GHz)
+13 dBm
+15 dBm
+10 dBm
+7 dBm
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC189MS8
Conversion Loss @ +13 dBm Drive Level
Isolation* @ +13 dBm Drive Level
Conversion Loss vs. Drive Level
Isolation* @ +10 dBm Drive Level
v01.0801
GaAs MMIC SMT FREQUENCY
DOUBLER, 2 - 4 GHz INPUT
Input Return Loss vs. Drive Level
Output Return Loss for
Several Input Frequencies
-35
-30
-25
-20
-15
-10
-5
0
2
345678
9
10
OUTPUT FREQUENCY (GHz)
+85 C
+25 C
-40 C
-60
-50
-40
-30
-20
-10
0
0246
8
10
12
14
16
18
20
FREQUENCY (GHz)
3Fo
1Fo
4Fo
-70
-60
-50
-40
-30
-20
-10
0
0246
8
10
12
14
16
18
20
FREQUENCY (GHz)
3Fo
1Fo
4Fo
-25
-20
-15
-10
-5
0
1
234
5
FREQUENCY (GHz)
+10 dBm
+13 dBm
+7 dBm
-25
-20
-15
-10
-5
0
2
345678
9
10
FREQUENCY (GHz)
Input = 2 GHz
Input = 3 GHz
Input = 4 GHz
* With respect to input level
* With respect to input level


Similar Part No. - HMC189MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results

Similar Description - HMC189MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
144Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_08 Datasheet
181Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC156AC8 HITTITE-HMC156AC8 Datasheet
306Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com