Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC195 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC195
Description  GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC195 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC195 Datasheet HTML 1Page - Hittite Microwave Corporation HMC195 Datasheet HTML 2Page - Hittite Microwave Corporation HMC195 Datasheet HTML 3Page - Hittite Microwave Corporation HMC195 Datasheet HTML 4Page - Hittite Microwave Corporation HMC195 Datasheet HTML 5Page - Hittite Microwave Corporation HMC195 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
14 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC195
v01.0700
Typical Application Circuit
GaAs MMIC SOT26 T/R
SWITCH, DC - 2.5 GHz
Notes:
1. Set logic gate and switch Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface.
2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of 3 to 8 Volts applied to the CMOS
logic gates.
3. DC Blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency
of operation.
4. Highest RF signal power capability is achieved with V set to +10V. The switch will operate properly (but at lower
RF power capability) at bias voltages down to +3V.


Similar Part No. - HMC195

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC195 HITTITE-HMC195 Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195E HITTITE-HMC195E Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
More results

Similar Description - HMC195

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
   GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC154S8 HITTITE-HMC154S8 Datasheet
174Kb / 6P
   GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC544A AD-HMC544A Datasheet
315Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com