Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4161R-C Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW4161R-C
Description  MOSFET Drive Switching Regulator IC for Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161R-C Datasheet(HTML) 5 Page - New Japan Radio

  NJW4161R-C Datasheet HTML 1Page - New Japan Radio NJW4161R-C Datasheet HTML 2Page - New Japan Radio NJW4161R-C Datasheet HTML 3Page - New Japan Radio NJW4161R-C Datasheet HTML 4Page - New Japan Radio NJW4161R-C Datasheet HTML 5Page - New Japan Radio NJW4161R-C Datasheet HTML 6Page - New Japan Radio NJW4161R-C Datasheet HTML 7Page - New Japan Radio NJW4161R-C Datasheet HTML 8Page - New Japan Radio NJW4161R-C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NJW4161
- 5 -
Ver.2015-05-11
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, V+=12V, RT=10k , CREGH=0.1 F, Ta=25 C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
RT pin Enable Control Block
RT pin Current at Standby
IRT_STB
5.0
A
General Characteristics
Quiescent Current
IDD
RL=no load,
VIN-=0.7V, VFB=0.7V
1.5
3
mA
Standby Current
IDD_STB
VRT=OPEN
2
10
A
TYPICAL APPLICATIONS
Non-isolated Buck Converter
CIN2
RT
CNF
RNF
REGH
GND
8
7
6
5
1
2
3
4
FB
RT
IN-
V+
OUT
SI
CFB
RFB
R2
R1
COUT
L
SBD
NJW4161
RSENSE
VIN
CIN1
CREGH
VOUT
Q2
Enable Control
Q1


Similar Part No. - NJW4161R-C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4161R-C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4162A NJRC-NJW4162A Datasheet
321Kb / 12P
   2channel MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com