Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4170 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4170
Description  Current Mode Control High Speed Frequency Internal 1A MOSFET Switching Regulator IC for Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4170 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4170 Datasheet HTML 5Page - New Japan Radio NJW4170 Datasheet HTML 6Page - New Japan Radio NJW4170 Datasheet HTML 7Page - New Japan Radio NJW4170 Datasheet HTML 8Page - New Japan Radio NJW4170 Datasheet HTML 9Page - New Japan Radio NJW4170 Datasheet HTML 10Page - New Japan Radio NJW4170 Datasheet HTML 11Page - New Japan Radio NJW4170 Datasheet HTML 12Page - New Japan Radio NJW4170 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NJW4170
- 9 -
Ver.2016-01-25
TYPICAL CHARACTERISTICS (A, B version)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
Supply Voltage :V+ (V)
Quiescent Current vs. Supply Voltage
(RL=no Load, VIN-=0.9V, Ta=25ºC)
4.1
4.15
4.2
4.25
4.3
4.35
4.4
4.45
4.5
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Under Voltage Lockout Voltage vs. Temperature
VT_ON
VT_OFF
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Soft Start Time vs. Temperature
(V+=12V, VB=0.75V)
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Switching Leak Current vs. Temperature
(V+=40V, VEN/SYNC=0V, VSW=0V)
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Standby Current vs. Temperature
(VEN/SYNC=0V)
V+=40V
V+=12V
V+=4.5V
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Quiescent Current vs. Temperature
(RL=no Load, VIN-=0.9V)
V+=4.5V, 12V, 40V


Similar Part No. - NJW4170

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
NJW4100M NJRC-NJW4100M Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
NJW4100V NJRC-NJW4100V Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
NJW4104 NJRC-NJW4104 Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
NJW4104-A NJRC-NJW4104-A Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
More results

Similar Description - NJW4170

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
   Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
New Japan Radio
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
logo
Infineon Technologies A...
IRFHM8334TRPBF INFINEON-IRFHM8334TRPBF Datasheet
565Kb / 10P
   Control MOSFET for high frequency buck converter
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com