Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4196 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJW4196
Description  Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4196 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJW4196 Datasheet HTML 3Page - New Japan Radio NJW4196 Datasheet HTML 4Page - New Japan Radio NJW4196 Datasheet HTML 5Page - New Japan Radio NJW4196 Datasheet HTML 6Page - New Japan Radio NJW4196 Datasheet HTML 7Page - New Japan Radio NJW4196 Datasheet HTML 8Page - New Japan Radio NJW4196 Datasheet HTML 9Page - New Japan Radio NJW4196 Datasheet HTML 10Page - New Japan Radio NJW4196 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJW4196
- 10 -
Ver.2015-10-14
TYPICAL CHARACTERISTICS (A version)
400
410
420
430
440
450
460
470
480
490
500
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Oscillating Frequency vs. Temperature
(V+=12V)
430
435
440
445
450
455
460
465
470
0
10
20
30
40
Supply Volatage :V+ (V)
Oscillating Frequency vs. Supply Voltage
(Ta=25ºC)


Similar Part No. - NJW4196

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4190 NJRC-NJW4190 Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4190 NJRC-NJW4190 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
NJW4190M NJRC-NJW4190M Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4190R NJRC-NJW4190R Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
More results

Similar Description - NJW4196

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
   Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com