Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4196GM1-A Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW4196GM1-A
Description  Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4196GM1-A Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW4196GM1-A Datasheet HTML 3Page - New Japan Radio NJW4196GM1-A Datasheet HTML 4Page - New Japan Radio NJW4196GM1-A Datasheet HTML 5Page - New Japan Radio NJW4196GM1-A Datasheet HTML 6Page - New Japan Radio NJW4196GM1-A Datasheet HTML 7Page - New Japan Radio NJW4196GM1-A Datasheet HTML 8Page - New Japan Radio NJW4196GM1-A Datasheet HTML 9Page - New Japan Radio NJW4196GM1-A Datasheet HTML 10Page - New Japan Radio NJW4196GM1-A Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJW4196
- 9 -
Ver.2015-10-14
TYPICAL CHARACTERISTICS (A, J version)
0
0.05
0.1
0.15
0.2
0.25
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Output ON Resistance vs. Temperature
(ISW=3A)
V+=5V
V+=40V
V+=12V
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Switching Current Limit vs. Temperature
V+=40V
V+=12V
V+=5V
4
4.1
4.2
4.3
4.4
4.5
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Under Voltage Lockout Voltage vs. Temperature
VT_ON
VT_OFF
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Quiescent Current vs. Temperature
(RL=no load, VFB=0.9V)
V+=4.4V
V+=40V, 12V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Standby Current vs. Temperature
(VEN/SYNC=0V)
V+=4.4V
V+=40V
V+=12V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100 125 150
Temperature : (ºC)
Switching Leak Current vs. Temperature
(V+=40V, VEN/SYNC=0V, VSW=0V)


Similar Part No. - NJW4196GM1-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4190 NJRC-NJW4190 Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4190 NJRC-NJW4190 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
NJW4190M NJRC-NJW4190M Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4190R NJRC-NJW4190R Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
More results

Similar Description - NJW4196GM1-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4150 NJRC-NJW4150 Datasheet
129Kb / 8P
   Internal 34V MOSFET Switching Regulator IC for Buck Converter
NJW4150A NJRC-NJW4150A Datasheet
240Kb / 9P
   Internal 40V MOSFET Switching Regulator IC for Buck Converter
NJW4155 NJRC-NJW4155 Datasheet
539Kb / 25P
   Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com