Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSTS1414 Datasheet(PDF) 2 Page - New Japan Radio

Part # NSTS1414
Description  390MHz High Attenuation Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSTS1414 Datasheet(HTML) 2 Page - New Japan Radio

  NSTS1414 Datasheet HTML 1Page - New Japan Radio NSTS1414 Datasheet HTML 2Page - New Japan Radio NSTS1414 Datasheet HTML 3Page - New Japan Radio NSTS1414 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSTS1414
Apr. 2013
Marking
(1) Lot Number
(a) Year
(b) Month
*Oct.---
X
Nov.---
Y
Dec.---
Z
(c) Date
*1-9---
0
10-19---
1
20-31---
2
(2) Part Number Mark
Pin no.
Connection
1
GND
2
IN
3
GND
4
GND
5
OUT
6
GND
Fig.1 Measuring circuit
Fig.2 Package dimensions (in mm)
Fig.3 Desirable land area (in mm)
3.8
2.2
1.15
1.15
IN
50
Ω
OUT
50
Ω
(0. 6)
(0. 75)
(0. 45)
1
2
3
4
6
3. 0±0. 15
(a)
(1)
(b)
(2)
(1. 80)
5
[4x]
(c)
222
RG
1
2
34
5
6
SAW


Similar Part No. - NSTS1414

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSTS1415 NJRC-NSTS1415 Datasheet
109Kb / 4P
   420MHz High Attenuation Type
More results

Similar Description - NSTS1414

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSTS1415 NJRC-NSTS1415 Datasheet
109Kb / 4P
   420MHz High Attenuation Type
logo
TDK Electronics
RSEL-20R5M TDK-RSEL-20R5M Datasheet
617Kb / 5P
   Compact Multipurpose Type (High Attenuation)
logo
Golledge Electronics Lt...
MP01620 GOLLEDGE-MP01620 Datasheet
139Kb / 4P
   SAW Filter 390MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0376A TAI-SAW-TA0376A Datasheet
471Kb / 5P
   SAW Filter 390MHz SMD5X5mm
logo
Infineon Technologies A...
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
logo
Murata Manufacturing Co...
SFSKA6M50CF00-R3 MURATA-SFSKA6M50CF00-R3 Datasheet
198Kb / 3P
   High attenuation outside bandwidth
SFSKA5M50CF00-R3 MURATA-SFSKA5M50CF00-R3 Datasheet
202Kb / 3P
   High attenuation outside bandwidth
SFSKA6M00CF00-R3 MURATA-SFSKA6M00CF00-R3 Datasheet
201Kb / 3P
   High attenuation outside bandwidth
logo
Soshin electric Co., Lt...
SF3000C-JQ SOSHIN-SF3000C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
logo
TAI-SAW TECHNOLOGY CO.,...
TE0116A TAI-SAW-TE0116A Datasheet
175Kb / 6P
   Dual SAW Resonator 433.92/390MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com