Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC204MS8G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC204MS8G
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC204MS8G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC204MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC204MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC204MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC204MS8G Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MICROWAVE CORPORATION
11 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC204MS8G
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 4 - 8 GHz INPUT
v03.1202
General Description
Features
Functional Diagram
Conversion Loss: 17 dB
Fo, 3Fo, 4Fo Isolation: 42 dB
Passive: No Bias Required
Ultra Small Package: MSOP8
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC204MS8G is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Pt to Pt Radios
• UNII & HiperLAN
• Test Equipment
The HMC204MS8G is a passive miniature frequency
doubler in an 8 lead MSOP surface mount package.
Suppression of undesired fundamental and higher
order harmonics is 42 dB typical with respect to
input signal level. The doubler utilizes the same
GaAs Schottky diode/balun technology found in Hit-
tite MMIC mixers. It requires no DC bias and adds no
measurable phase noise onto the multiplied signal.
Input = +10 dBm
Input = +12 dBm
Input = +15 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
5.5 - 7.5
5.0 - 8.0
4.0 - 8.0
GHz
Frequency Range, Output
11.0 - 15.0
10.0 - 16.0
8.0 - 16.0
GHz
Conversion Loss
17
21
17
22
17
21
dB
FO Isolation
(with respect to input level)
37
42
37
42
39
45
dB
3FO Isolation
(with respect to input level)
37
45
37
45
35
45
dB
4FO Isolation
(with respect to input level)
45
55
40
50
35
45
dB


Similar Part No. - HMC204MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204MS8G HITTITE-HMC204MS8G Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
logo
Analog Devices
HMC204MS8G AD-HMC204MS8G Datasheet
216Kb / 4P
   Wireless Local Loop
HMC204MS8GE AD-HMC204MS8GE Datasheet
216Kb / 4P
   Wireless Local Loop
logo
Hittite Microwave Corpo...
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
More results

Similar Description - HMC204MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_08 Datasheet
146Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_08 Datasheet
181Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204 HITTITE-HMC204_09 Datasheet
170Kb / 6P
   GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com