Electronic Components Datasheet Search |
|
ZM10D50K03 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
ZM10D50K03 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
4 / 12 page MICRO SWITCH™ Standard Subminiature Snap-Action Z Series ZM AND ZM1 STANDARD LEVER OPTIONS & DIMENSIONS mm/in Lever/ Terminals Dimensions Lever/ Terminals Dimensions Pin plunger/ solder OP: 11,4 mm ±0,3 mm [0.449 in ± 0.012 in] DT: 0,2 mm [0.008 in max.] Pin plunger/ quick connect OP: 11,4 mm ±0,3 mm [0.449 in ± 0.012 in] DT: 0,2 mm [0.008 in max.] Pin plunger/ PCB right OP: 11,4 mm ±0,3 mm [0.449 in ± 0.012 in] DT: 0,2 mm [0.008 in max.] Pin plunger/PCB OP: 11,4 mm ±0,3 mm [0.449 in ± 0.012 in] DT: 0,2 mm [0.008 in max.] Simulated roller/quick connect OP: 15,1 mm ±1,5 mm [0.591 in ± 0.059 in] DT: 0,9 mm [0.035 in max.] Simulated roller/solder OP: 15,1 mm ±1,5 mm [0.591 in ± 0.059 in] DT: 0,9 mm [0.035 in max.] 4 sensing.honeywell.com |
Similar Part No. - ZM10D50K03 |
|
Similar Description - ZM10D50K03 |