Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SPS402 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS402
Description  Low Parasitic Capacitance and Inductance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS402 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS402_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SPS402_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SURMOUNTTM PIN Diode
RoHS Compliant
Rev V6
MA4SPS402
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Handling
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin
oils. The use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components.
Bulk handling should insure that abrasion and mechanical shock are minimized.
Die Attach
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are
conveniently located on the bottom surface of these devices and are removed from the active junction locations.
These devices are well suited for solder attachment onto hard and soft substrates. The use of 80/20, Au/Sn,
60/40, Sn/Pb or RoHS compliant solders is recommended. Conductive silver epoxy solder may also be used but
could result in an increase in series and thermal resistance.
When soldering these devices to a hard substrate, hot gas die bonding is preferred. We recommend utilizing a
vacuum tip and force of 60 to 100 grams applied to the top surface of the device. When soldering to soft
substrates, it is recommended to use a lead-tin interface at the circuit board mounting pads. Position the die so
that its mounting pads are aligned with the circuit board mounting pads and reflow the solder by heating the circuit
trace near the mounting pads while applying 60 to 100 grams of force perpendicular to the top surface of the die.
The solder joint must not be made one pad at a time. Doing so could create unequal heat flow and produce
thermal and/or mechanical stresses. It is also not recommended to reflow solder by causing heat to flow through
the top surface of the die. Since the HMIC glass is transparent, the edges of the mounting pads can be visually
inspected through the die after attach is completed.
Recommended temperature and re-flow profiles for 60/40, Sn/Pb and RoHS compliant solders are provided in
Application Note M538 , “Surface Mounting Instructions“.
Ordering Information
MA4SPS402 SURMOUNTS may be ordered in either gel packs or tape and reeled by adding the appropriate suf-
fix per the table below. Tape and reel dimensions are provided in Application Note M513 located on the M/A-COM
website at www.macomtech.com.
Part Number
Waffle Pack
Tape and Reel
Gel Pack
Pocket Tape
MA4SPS402
MADP-000402-12530P
MADP-000402-12530G


Similar Part No. - MA4SPS402_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SPS402 MACOM-MA4SPS402_1 Datasheet
216Kb / 7P
   SURMOUNT PIN Diode
More results

Similar Description - MA4SPS402_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
   Low Parasitic Capacitance and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
STMicroelectronics
SRK2001A STMICROELECTRONICS-SRK2001A Datasheet
484Kb / 20P
   Auto-compensation of parasitic inductance
June 2016 Rev 1
BAS70KFILM STMICROELECTRONICS-BAS70KFILM Datasheet
183Kb / 14P
   Low capacitance, low series inductance and resistance Schottky diodes
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
   200 ?? Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
08-Feb-17
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com