Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010200-TR3000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010200-TR3000
Description  Miniature Broadband Gain Stage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010200-TR3000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010200-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010200-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V1
MAAL-010200
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 Low Noise Figure
 High IP3
 Single Supply +3 V, +5 V6
 RoHS* Compliant SOT-89 Package
Description
M/A-COM Technology’s MAAL-010200 broadband
gain stage is a GaAs MMIC amplifier in a lead-free
SOT-89 surface mount plastic package. The MAAL-
010200 employs a monolithic 1-stage self-biased
design featuring a convenient 50 Ω input/output
impedance that minimizes the number of external
components required. Its broadband design provides
usable performance from 500 to 3000 MHz. For
operation below 500 MHz contact M/A-COM
Technology’s application group for support.
Pin Configuration
Absolute Maximum Ratings 3,4,5
Parameter
Absolute Maximum
Gain Compression
6 dB
Voltage
5.5 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information 1,2
Part Number
Package
MAAL-010200 -TR3000
3000 piece reel
MAAL-010200-001SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
5. Operating at 5 volts with no drain resistor will require the RF
output power to be no greater than 10 dBm.
Functional Block Diagram
Pin 1
RF In
RF Out/VDD
Pin
Pin Name
Description
1
RF In
RF Input
2
GND
Ground
3
RF Out/VDD
RF Output & Voltage Bias


Similar Part No. - MAAL-010200-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010200-TR3000 MA-COM-MAAL-010200-TR3000 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-010200-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com