Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-009452-TR1000 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009452-TR1000
Description  Broadband CATV Single Ended 4-Way Active Splitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009452-TR1000 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009452-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009452-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009452-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009452-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009452-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009452-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-009452-TR1000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Broadband CATV Single Ended 4-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-009452
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Lead-Free 3 mm 12-Lead PQFN
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.


Similar Part No. - MAAM-009452-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009452-TR1000 MA-COM-MAAM-009452-TR1000 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
More results

Similar Description - MAAM-009452-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-008820 MA-COM-MAAM-008820_17 Datasheet
879Kb / 8P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-008820 MA-COM-MAAM-008820 Datasheet
200Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-008820 MA-COM-MAAM-008820_15 Datasheet
200Kb / 6P
   Broadband CATV Single Ended 4-Way Active Splitter
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008821 MA-COM-MAAM-008821_15 Datasheet
927Kb / 7P
   Broadband CATV Single Ended 5-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com