Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-009811 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009811
Description  Broadband CATV Single Ended 2-Way Active Splitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009811 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009811_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009811_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009811_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009811_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009811_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009811_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Broadband CATV Single Ended 2-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-009811
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Off-Chip Component Values 9
9. L1 supplied from EPCOS, part number B82422A1102K100
Component
Value
Package
C1 - C5
0.01 µF
0402
L1
9
1 µH
1210
L2, L3
10 nH
0402
R1, R2
240 Ω
0402
R3, R4
300 Ω
0402
Schematic Including Off-Chip Components8
8. The exposed pad centered on the package bottom must be
connected to ground for RF, DC and thermal considerations.
Recommended PCB
8x0.4
0.7
.018
.035
1.3
8x0.28
0.50 Typ.
Outline
2x2mm PDFN, 8-LEAD
R0.08 Typ.
Thermal Pad
R0.08 Typ.
3x00.2mm
Filled Via
PCB Land Pattern
VDD
R1
R2
OUT 1
R3
C2
C1
C3
C4
L2
2mm 8 LD PDFN
L1
GND
GND
IN
2mm 8 LD PDFN
OUT 2
R4
C5
L3
1
8


Similar Part No. - MAAM-009811_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009811-001SMB MA-COM-MAAM-009811-001SMB Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009811-TR1000 MA-COM-MAAM-009811-TR1000 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009811-TR3000 MA-COM-MAAM-009811-TR3000 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
More results

Similar Description - MAAM-009811_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_17 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818 Datasheet
210Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805 Datasheet
227Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818 Datasheet
204Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805_V2 MA-COM-MAAM-007805_V2 Datasheet
227Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_15 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com