Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM10B20C04 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # ZM10B20C04
Description  Small size and light weight switches lend themselves to numerous potential applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZM10B20C04 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  ZM10B20C04 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 6Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 7Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 8Page - Honeywell Solid State Electronics Center ZM10B20C04 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICRO SWITCH™ Standard Subminiature Snap-Action Z Series
SPECIFICATIONS
SERIES
ZM (coil internal spring)
ZM1 (flat internal spring)
ZV (coil spring)
Differentiator
Integral lever, no ENEC, and an
internal coil spring
Integral lever, ENEC, and a flat
internal spring
Snap-on lever, ENEC, and coil
spring
Use
Use when ENEC is not required
and the lever needs to be better
secured to the switch
Used when added forces of a flat
snap spring, ENEC, and a
secured lever are required
Use when ENEC and a snap-on
lever are required
Potential
applications
alarms, computers, food
processors, gas detectors,
humidifiers, joysticks, money
sorters, water pumps
air conditioners, consumer
electronics, gas detectors,
humidifiers, telephones, time
recorders, toys
air conditioners, computers,
consumer appliances, gas
detectors, joysticks, money
sorters, telephones, toys
Ampere rating
0.1 A, 5 A, 10.1 A
0.1 A, 3 A, 6 A, 10.1 A
0.1 A, 6 A, 10.1 A
Circuitry
SPDT, SPNO
SPDT, SPNO, SPNC
SPDT, SPNO, SPNC
Operating force
0.18 oz to 8.78 oz
12 gf to 355 gf
0.78 oz to 11.01 oz
Termination
Quick connect, solder, pcb
Quick connect, solder, pcb
quick connect, solder, pcb
Actuator
Pin plunger, straight, roller, sim.
roller, L-shaped
Pin plunger, straight, roller, sim.
roller, L-shaped
pin plunger, straight, roller, sim.
roller
Voltage
125 Vac, 250 Vac, 30 Vdc
125 Vac, 250 Vac
125 Vac/125 Vdc
6(2) A 250 Vac
Agency approvals
UL, CE, CSA
UL, cUL, ENEC
UL, CE, CSA, ENEC
Agency file info
CE: 61058-1; UL: E12252;
CSA: LR212438
UL: E12252; c-UL: E12252
CE: 61058-1; UL:12252;
c-UL: E12252
Operating
temperature
-40 °C to 120 °C
[-40 °F to 248 °F]
-40 °C to 120 °C
[-40 °F to 248 °F]
-40 °C to 120 °C
[-40 °F to 248 °F]
Contacts
Silver, gold-plated silver, gold-
plated brass, silver-tin-indium
oxide
Silver, gold-plated silver, gold-
plated brass, silver-tin-indium
oxide
Silver, gold-plated silver, silver-
tin-indium oxide
Housing
Polyamide (nylon)
Polyamide (nylon)
Polyamide (nylon)
Sealing
None
Storage humidity
85 % RH max. at 40 °C [104 °F]
Dielectric strength
1000 Vac (50 Hz to 60 Hz)
between contacts, between
terminals and ground, for one
minute
1000 Vac (50 Hz to 60 Hz)/min
1000 Vac (50 Hz to 60 Hz)
between contacts, between
terminals and ground, for one
minute
Contact resistance
300 mOhm max.
300 mOhm max.
300 mOhm max.
Insulation resistance
100 mOhm min.
(at 500 Vdc/min)
100 mOhm min.
(at 250 Vdc/min)
100 mOhm min. (at 500
Vdc/min)
Vibration
10 Hz to 55 Hz, displacement 0,75 mm (p-p)
Expected
mechanical life
10 million min.
10,000 operations min.
10 million min.
Electrical service life
Min. 1,000,000 operations on
resistive load current 0.1 A at
125 Vac; 0.1 A at 30 Vdc; Min.
6,000 operations on resistive
load 5 A at 125/250 Vac
Min. 10 million @ <10 A;
Min. 1 million min. @ 10 A
Min. 1,000,000 operations @
0.1 A; Min 10,000 operations on
resistive and motor load current
6(2) A 250 Vac
Electrical operating
frequency
0.1 A – 120 operations/min
other – 10 to 30 operations/min
10 to 30 operations/min
0.1 A – 120 operations/min;
Other – 10 to 30 operations/min
Mechanical
operation frequency
120 operations/min.
2
sensing.honeywell.com


Similar Part No. - ZM10B20C04

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZM10B20A01 HONEYWELL-ZM10B20A01 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20A03 HONEYWELL-ZM10B20A03 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20A04 HONEYWELL-ZM10B20A04 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20B01 HONEYWELL-ZM10B20B01 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
ZM10B20B03 HONEYWELL-ZM10B20B03 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
More results

Similar Description - ZM10B20C04

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-7 HUAXINAN-NVF4-7 Datasheet
518Kb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com