Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL499A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL499A
Description  Wide-Range Power-Supply Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL499A Datasheet(HTML) 3 Page - Texas Instruments

  TL499A Datasheet HTML 1Page - Texas Instruments TL499A Datasheet HTML 2Page - Texas Instruments TL499A Datasheet HTML 3Page - Texas Instruments TL499A Datasheet HTML 4Page - Texas Instruments TL499A Datasheet HTML 5Page - Texas Instruments TL499A Datasheet HTML 6Page - Texas Instruments TL499A Datasheet HTML 7Page - Texas Instruments TL499A Datasheet HTML 8Page - Texas Instruments TL499A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
3
4
8
7
6
5
SERIES IN1
REF
SW REG IN2
OUTPUT
GND (PWR)
SW IN
GND
SW CURRENT
CTRL
TL499A
www.ti.com
SLVS029H – JANUARY 1984 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
P or PS Package
8-Pin PDIP or SO
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
5
Signal ground.
GND (PWR)
7
Power ground.
OUTPUT
8
O
Regulated output
REF
2
I
Feedback tap for output voltage
SERIES IN1
1
Power source for series voltage regulator.
SW CURRENT CTRL
4
I/O
Resistor to ground controls switching current
SW IN
6
I/O
Step up switching inductor node
SW REG IN2
3
Power source for step-up switching regulator.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VO
Output voltage(2)
–0.3
35
V
VI1
Input voltage, series regulator
–0.3
35
V
VI2
Input voltage, switching regulator
–0.3
10
V
Blocking-diode reverse voltage
35
V
Blocking-diode forward current
1
A
SW IN
Power switch current
1
A
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±200
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±2000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±200-V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 1984–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL499A


Similar Part No. - TL499A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI-TL499ACP Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACP TI-TL499ACP Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499ACPE4 TI-TL499ACPE4 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results

Similar Description - TL499A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Micross Components
AS2111 MICROSS-AS2111 Datasheet
319Kb / 7P
   Wide operating supply range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com