Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5007MMX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5007MMX
Description  High Voltage 80-V Step Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5007MMX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5007MMX Datasheet HTML 7Page - Texas Instruments LM5007MMX Datasheet HTML 8Page - Texas Instruments LM5007MMX Datasheet HTML 9Page - Texas Instruments LM5007MMX Datasheet HTML 10Page - Texas Instruments LM5007MMX Datasheet HTML 11Page - Texas Instruments LM5007MMX Datasheet HTML 12Page - Texas Instruments LM5007MMX Datasheet HTML 13Page - Texas Instruments LM5007MMX Datasheet HTML 14Page - Texas Instruments LM5007MMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM5007
www.ti.com
SNVS252G – SEPTEMBER 2003 – REVISED NOVEMBER 2015
Feature Description (continued)
7.3.6 N-Channel Buck Switch and Driver
The LM5007 integrates an N-Channel Buck switch and associated floating high voltage gate driver. This gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. The
bootstrap capacitor is charged by VCC through the internal high voltage diode. A 0.01-µF ceramic capacitor
connected between the BST pin and SW pin is recommended.
During each cycle when the Buck switch turns off, the SW pin is approximately 0 V. When the SW pin voltage is
low, the bootstrap capacitor will be charged from VCC through the internal diode. The minimum off timer, set to
300 ns, ensures that there will be a minimum interval every cycle to recharge the bootstrap capacitor.
An external re-circulating diode from the SW pin to ground is necessary to carry the inductor current after the
internal Buck switch turns off. This external diode must be of the Ultra-fast or Schottky type to reduce turn-on
losses and current over-shoot. The reverse voltage rating of the re-circulating diode must be greater than the
maximum line input voltage.
7.3.7 Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When thermal protection is activated, typically at 165 degrees Celsius, the controller is
forced into a low power reset state, disabling the output driver. This feature is provided to prevent catastrophic
failures from accidental device overheating.
7.3.8 Minimum Load Current
A minimum load current of 1 mA is required to maintain proper operation. If the load current falls below that level,
the bootstrap capacitor may discharge during the long off-time, and the circuit will either shutdown, or cycle on
and off at a low frequency. If the load current is expected to drop below 1 mA in the application, the feedback
resistors should be chosen low enough in value so they provide the minimum required current at nominal Vout.
7.3.9 Ripple Configuration
LM5007 uses Constant-On-Time (COT) control in which the on-time is terminated by an on-timer and the off-time
is terminated by the feedback voltage (VFB) falling below the reference voltage (VREF). Therefore, for stable
operation, the feedback voltage must decrease monotonically, in phase with the inductor current during the off-
time. Furthermore, this change in feedback voltage (VFB) during off-time must be larger than any noise
component present at the feedback node.
Table 1 shows three different methods for generating appropriate voltage ripple at the feedback node. Type 1
and Type 2 ripple circuits couple the ripple at the output of the converter to the feedback node (FB). The output
voltage ripple has two components:
1. Capacitive ripple caused by the inductor current ripple charging/discharging the output capacitor.
2. Resistive ripple caused by the inductor current ripple flowing through the ESR of the output capacitor.
The capacitive ripple is not in phase with the inductor current. As a result, the capacitive ripple does not
decrease monotonically during the off-time. The resistive ripple is in phase with the inductor current and
decreases monotonically during the off-time. The resistive ripple must exceed the capacitive ripple at the output
node (VOUT) for stable operation. If this condition is not satisfied unstable switching behavior is observed in COT
converters, with multiple on-time bursts in close succession followed by a long off-time.
Type 3 ripple method uses Rr and Cr and the switch node (SW) voltage to generate a triangular ramp. This
triangular ramp is ac coupled using Cac to the feedback node (FB). Since this circuit does not use the output
voltage ripple, it is ideally suited for applications where low output voltage ripple is required. See AN-1481
Controlling Output Ripple and Achieving ESR Independence in Constant On-Time (COT) Regulator Designs
(SNVA166) for more details for each ripple generation method.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5007


Similar Part No. - LM5007MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5007MMX NSC-LM5007MMX Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007MMX NSC-LM5007MMX Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007MMX TI-LM5007MMX Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007MMX/NOPB TI-LM5007MMX/NOPB Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
More results

Similar Description - LM5007MMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI1-LM5007_14 Datasheet
991Kb / 18P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com