Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27510-G3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27510-G3
Description  System-Side Impedance Track Fuel Gauge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27510-G3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27510-G3 Datasheet HTML 4Page - Texas Instruments BQ27510-G3 Datasheet HTML 5Page - Texas Instruments BQ27510-G3 Datasheet HTML 6Page - Texas Instruments BQ27510-G3 Datasheet HTML 7Page - Texas Instruments BQ27510-G3 Datasheet HTML 8Page - Texas Instruments BQ27510-G3 Datasheet HTML 9Page - Texas Instruments BQ27510-G3 Datasheet HTML 10Page - Texas Instruments BQ27510-G3 Datasheet HTML 11Page - Texas Instruments BQ27510-G3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
bq27510-G3
SLUSAT1A – MARCH 2013 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The bq27510-G3 fuel gauge accurately predicts the battery capacity and other operational characteristics of a
single Li-based rechargeable cell. It can be interrogated by a system processor to provide cell information, such
as time-to-empty (TTE) and state-of-charge (SOC) as well as SOC interrupt signal to the host.
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command( ), read and write information contained within the device control and status registers, as well as its
data flash locations. Commands are sent from system to gauge using the I2C serial communications engine, and
can be executed during application development, system manufacture, or end-equipment operation.
Cell information is stored in the device in non-volatile flash memory. Many of these data flash locations are
accessible during application development. They cannot, generally, be accessed directly during end-equipment
operation. Access to these locations is achieved by either use of the fuel gauge companion evaluation software,
through individual commands, or through a sequence of data-flash-access commands. To access a desired data
flash location, the correct data flash subclass and offset must be known.
The key to the fuel gauge high-accuracy gas gauging prediction is Texas Instruments proprietary Impedance
Track™ algorithm. This algorithm uses cell measurements, characteristics, and properties to create state-of-
charge predictions that can achieve less than 1% error across a wide variety of operating conditions and over the
lifetime of the battery.
The fuel gauge measures charge and discharge activity by monitoring the voltage across a small-value series
sense resistor (5 m
Ω to 20 mΩ, typical) located between the system VSS and the battery PACK– terminal. When
a cell is attached to the device, cell impedance is learned, based on cell current, cell open-circuit voltage (OCV),
and cell voltage under loading conditions.
The external temperature sensing is optimized with the use of a high-accuracy negative temperature coefficient
(NTC) thermistor with R25 = 10.0 k
Ω ±1%. B25/85 = 3435 kΩ ± 1% (such as Semitec NTC 103AT). Alternatively,
the fuel gauge can also be configured to use its internal temperature sensor or receive temperature data from the
host processor. When an external thermistor is used, a 18.2-k
Ω pull-up resistor between BI/TOUT and TS pins is
also required. The fuel gauge uses temperature to monitor the battery-pack environment, which is used for fuel
gauging and cell protection functionality.
To minimize power consumption, the fuel gauge has several power modes: NORMAL, SLEEP, HIBERNATE, and
BAT INSERT CHECK. The fuel gauge passes automatically between these modes, depending upon the
occurrence of specific events, though a system processor can initiate some of these modes directly.
For complete operational details, refer to the bq27510-G3 Technical Reference Manual, bq27510-G3 System-
Side Impedance Track™ Fuel Gauge With Integrated LDO, SLUUA97.
Table 1. Formatting Conventions Used in This Document
INFORMATION TYPE
FORMATTING CONVENTION
EXAMPLE
Commands
Italics with parentheses and no breaking spaces
RemainingCapacity( ) command
NVM Data
Italics, bold, and breaking spaces
Design Capacity data
Register bits and flags
Brackets and italics
[TDA] bit
NVM Data bits
Brackets, italics, and bold
[LED1] bit
Modes and states
ALL CAPITALS
UNSEALED mode
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: bq27510-G3


Similar Part No. - BQ27510-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - BQ27510-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com