Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24113ARHLR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24113ARHLR
Description  Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24113ARHLR Datasheet(HTML) 4 Page - Texas Instruments

  BQ24113ARHLR Datasheet HTML 1Page - Texas Instruments BQ24113ARHLR Datasheet HTML 2Page - Texas Instruments BQ24113ARHLR Datasheet HTML 3Page - Texas Instruments BQ24113ARHLR Datasheet HTML 4Page - Texas Instruments BQ24113ARHLR Datasheet HTML 5Page - Texas Instruments BQ24113ARHLR Datasheet HTML 6Page - Texas Instruments BQ24113ARHLR Datasheet HTML 7Page - Texas Instruments BQ24113ARHLR Datasheet HTML 8Page - Texas Instruments BQ24113ARHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
bq24100, bq24103, bq24103A, bq24104, bq24105
bq24108, bq24109, bq24113, bq24113A, bq24115
SLUS606P – JUNE 2004 – REVISED NOVEMBER 2015
www.ti.com
5 Device Options
CHARGE REGULATION VOLTAGE (V)
INTENDED APPLICATION
PART NUMBER (1) (2) (3)
4.2 V
Stand-alone
bq24100
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
Stand-alone
bq24103
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
Stand-alone
bq24103A
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
Stand-alone
bq24104
(Blinking status pins)
Externally programmable (2.1 V to 15.5 V)
Stand-alone
bq24105
bq24108
4.2 V (Blinking status pins)
Stand-alone
bq24109
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
System-controlled
bq24113
1 or 2 cells selectable (CELLS pin, 4.2 V or 8.4 V)
System-controlled
bq24113A
Externally programmable (2.1 V to 15.5 V)
System-controlled
bq24115
(1)
The RHL package is available in the following options:
T – taped and reeled in quantities of 250 devices per reel
R – taped and reeled in quantities of 3000 devices per reel
(2)
This product is RoHS-compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes.
(3)
TJ = –40°C to 125°C
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: bq24100 bq24103 bq24103A bq24104 bq24105 bq24108 bq24109 bq24113 bq24113A
bq24115


Similar Part No. - BQ24113ARHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113ARHLR TI-BQ24113ARHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLR TI1-BQ24113ARHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24113ARHLRG4 TI-BQ24113ARHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLRG4 TI1-BQ24113ARHLRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24113ARHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com