Electronic Components Datasheet Search |
|
PFM4414BB6M48D0T00 Datasheet(PDF) 1 Page - Vicor Corporation |
|
PFM4414BB6M48D0T00 Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 23 page PFM™ in a VIA Package Rev 1.0 vicorpower.com Page 1 of 23 12/2015 800 927.9474 Isolated AC-DC Converter with PFC PFM4414xB6M48D0yzz PFM™ in a VIA Package AC-DC Converter C US ® S NRTL CUS Size: 4.35 x 1.40 x .37 in 110.6 x 35.5 x 9.3 mm Part Ordering Information Product Function Package Length Package Width Package Type Input Voltage Range Ratio Output Voltage (Range) Max Output Power Product Grade Option Field PFM 44 14 x B6 M 48 D0 y z z PFM = Power Factor Module Length in Inches x 10 Width in Inches x 10 B = Board VIA V = Chassis VIA Internal Reference C = -20 to 100°C T = -40 to 100°C 00 = Chassis/Always On 04 = Short Pin/Always On 08 = Long Pin/Always On Features & Benefits • Universal input (85 to 264 VAC) • 48 VOUT, regulated, isolated SELV • 92% typical efficiency • Built-in EMI filtering • Chassis mount or board mount packaging options • Always-on, self-protecting converter control architecture • SELV Output • Two temperature grades including operation to -40°C • VIA Package Robust Mechanical Design Versatile thermal management capability • Safe and reliable secondary-side energy storage • High MTBF • 140 W/cubic inch power density • 4414 package • External rectification and transient protection required Typical Applications • Small cell base stations • Telecom switching equipment • LED lighting • Industrial power systems Product Description The PFM in a VIA Package is a highly advanced 400 W AC-DC converter operating from a rectified universal AC input which delivers an isolated and regulated Safety Extra Low Voltage (SELV) 48 V secondary output. This unique, ultra-low profile module incorporates AC-DC conversion, integrated filtering and transient surge protection in a chassis mount or PCB mount form factor. The PFM enables a versatile two-sided thermal strategy which greatly simplifies thermal design challenges. When combined with downstream Vicor DC-DC conversion components and regulators, the PFM allows the Power Design Engineer to employ a simple, low-profile design which will differentiate his end-system without compromising on cost or performance metrics. Product Ratings VIN = 85 – 264 V POUT = up to 400 W VOUT = 48 V IOUT = 8.33 A |
Similar Part No. - PFM4414BB6M48D0T00 |
|
Similar Description - PFM4414BB6M48D0T00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |