Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM4414BB6M24D0C04 Datasheet(PDF) 11 Page - Vicor Corporation

Part # PFM4414BB6M24D0C04
Description  Chassis mount or board mount packaging options
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414BB6M24D0C04 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PFM4414BB6M24D0C04 Datasheet HTML 7Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 8Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 9Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 10Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 11Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 12Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 13Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 14Page - Vicor Corporation PFM4414BB6M24D0C04 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 11 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
Figure 12 — Typical line current waveform, VIN = 120 V,
60 HZ IOUT = 16.7 A, COUT = 44,000 µF
Figure 11 — Line drop out, 90° phase, VIN = 230 V,
IOUT = 16.7 A, COUT = 44,000 µF
Figure 10 — Line drop out, 230 V 50 Hz, 0° phase,
IOUT = 16.7 A, COUT = 44,000 µF
Figure 9 — 230 V, 120 V range change transient response,
IOUT = 16.7 A, COUT = 44,000 µF
Figure 7 — Typical output voltage transient response,
TCASE = 30ºC, VIN = 230 V, IOUT = 16.7 A, 4.2 A
COUT = 44,000 µF
Figure 8 — Typical startup waveform, application of VIN ,
RLOAD = 1.4 Ω, COUT = 44,000 µF
Application Characteristics (Cont.)


Similar Part No. - PFM4414BB6M24D0C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414BB6M24D0CA0 VICOR-PFM4414BB6M24D0CA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M24D0CA4 VICOR-PFM4414BB6M24D0CA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M24D0CA8 VICOR-PFM4414BB6M24D0CA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414BB6M24D0C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
logo
ITT Industries
FSDBK ITT-FSDBK Datasheet
1,008Kb / 9P
   Chassis or panel mount
FMRWH ITT-FMRWH Datasheet
1,008Kb / 9P
   Chassis or panel mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Delta Electronics, Inc.
DNS10SMD06 DELTA-DNS10SMD06 Datasheet
794Kb / 15P
   Surface mount packaging
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com