Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM4414BB6M48D0T04 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PFM4414BB6M48D0T04
Description  Two temperature grades including operation to -40째C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PFM4414BB6M48D0T04 Datasheet(HTML) 1 Page - Vicor Corporation

  PFM4414BB6M48D0T04 Datasheet HTML 1Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 2Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 3Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 4Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 5Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 6Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 7Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 8Page - Vicor Corporation PFM4414BB6M48D0T04 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 1 of 23
12/2015
800 927.9474
Isolated AC-DC Converter with PFC
PFM4414xB6M48D0yzz
PFMin a VIA Package
AC-DC Converter
C
US
®
S
NRTL
CUS
Size:
4.35 x 1.40 x .37 in
110.6 x 35.5 x 9.3 mm
Part Ordering Information
Product
Function
Package
Length
Package
Width
Package
Type
Input
Voltage
Range
Ratio
Output
Voltage
(Range)
Max
Output
Power
Product Grade
Option Field
PFM
44
14
x
B6
M
48
D0
y
z
z
PFM =
Power Factor
Module
Length in
Inches x 10
Width in
Inches x 10
B = Board VIA
V = Chassis VIA
Internal Reference
C = -20 to 100°C
T = -40 to 100°C
00 = Chassis/Always On
04 = Short Pin/Always On
08 = Long Pin/Always On
Features & Benefits
Universal input (85 to 264 VAC)
48 VOUT, regulated, isolated SELV
92% typical efficiency
Built-in EMI filtering
Chassis mount or board mount packaging options
Always-on, self-protecting converter control architecture
SELV Output
Two temperature grades including operation to -40°C
VIA Package
Robust Mechanical Design
Versatile thermal management capability
Safe and reliable secondary-side energy storage
High MTBF
140 W/cubic inch power density
4414 package
External rectification and transient protection required
Typical Applications
Small cell base stations
Telecom switching equipment
LED lighting
Industrial power systems
Product Description
The PFM in a VIA Package is a highly advanced 400 W AC-DC
converter operating from a rectified universal AC input which
delivers an isolated and regulated Safety Extra Low Voltage
(SELV) 48 V secondary output.
This unique, ultra-low profile module incorporates AC-DC
conversion, integrated filtering and transient surge protection
in a chassis mount or PCB mount form factor.
The PFM enables a versatile two-sided thermal strategy which
greatly simplifies thermal design challenges.
When combined with downstream Vicor DC-DC conversion
components and regulators, the PFM allows the Power Design
Engineer to employ a simple, low-profile design which will
differentiate his end-system without compromising on cost or
performance metrics.
Product Ratings
VIN = 85 – 264 V
POUT = up to 400 W
VOUT = 48 V
IOUT = 8.33 A


Similar Part No. - PFM4414BB6M48D0T04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PFM4414BB6M48D0TA0 VICOR-PFM4414BB6M48D0TA0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M48D0TA4 VICOR-PFM4414BB6M48D0TA4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M48D0TA8 VICOR-PFM4414BB6M48D0TA8 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M48D0TB0 VICOR-PFM4414BB6M48D0TB0 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
PFM4414BB6M48D0TB4 VICOR-PFM4414BB6M48D0TB4 Datasheet
1Mb / 25P
   Isolated AC-DC Converter with PFC
More results

Similar Description - PFM4414BB6M48D0T04

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C512 BELLING-BL24C512 Datasheet
177Kb / 15P
   Industrial temperature grades
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Interpoint Corporation ...
HR150 INTERPOINT-HR150 Datasheet
466Kb / 7P
   -40째C to 85째C operation Transient protection 50 V for 50 ms
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D_10 Datasheet
481Kb / 6P
   Operating temperature -40째C to 150째C Fully isolated
logo
Freescale Semiconductor...
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QU128 FREESCALE-MCF51QU128 Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Renesas Technology Corp
SDAH01 RENESAS-SDAH01 Datasheet
1Mb / 9P
   SDAH01 Evaluation Board operating temperature: -40째C to 85째C
logo
Freescale Semiconductor...
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A_1 Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com