Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49X0204B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49X0204B
Description  Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49X0204B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49X0204B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49X0204B Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.pericom.com PI6C49X0204B Rev A
07/20/15
PI6C49X0204B
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
Pin#
Pin Name
Pin Type
Pin Description
1
V
DDO
Power
Output supply pin.
2
V
DD
Power
Positive supply pin.
3
CLK
Input
Pulldown
LVCMOS / LVTTL clock input.
4
GND
Power
Power supply ground.
5
Q0
Output
Single clock output. LVCMOS / LVTTL interface levels.
6
Q1
Output
Single clock output. LVCMOS / LVTTL interface levels.
7
Q2
Output
Single clock output. LVCMOS / LVTTL interface levels.
8
Q3
Output
Single clock output. LVCMOS / LVTTL interface levels.
Note: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Pin Descriptions
Symbol
Parameter
Test Conditions
Min.
Typical
Max.
Units
C
IN
Input Capacitance
4
pF
C
PD
Power Dissipation Capacitance
(per output)
V
DD , VDDO = 3.465V
15
pF
R
PULLDOWN
Input Pulldown Resistor
51
R
OUT
Output Impedance
V
DD , VDDO >2.5V
5
7
12
Ω
Pin Characteristics
15-0078


Similar Part No. - PI6C49X0204B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-AWE PERICOM-PI6C49X0204B-AWE Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results

Similar Description - PI6C49X0204B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
   LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8304I RENESAS-8304I Datasheet
388Kb / 12P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
logo
Integrated Circuit Syst...
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
   Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
logo
Integrated Circuit Syst...
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
   LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com